Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8317 Datasheet HTML 4Page - Texas Instruments ADS8317 Datasheet HTML 5Page - Texas Instruments ADS8317 Datasheet HTML 6Page - Texas Instruments ADS8317 Datasheet HTML 7Page - Texas Instruments ADS8317 Datasheet HTML 8Page - Texas Instruments ADS8317 Datasheet HTML 9Page - Texas Instruments ADS8317 Datasheet HTML 10Page - Texas Instruments ADS8317 Datasheet HTML 11Page - Texas Instruments ADS8317 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
TIMING INFORMATION
D
OUT
1.4V
TestPoint
3kW
100pF
C
LOAD
LoadCircuitfort
,t ,andt
dDO
r
f
VoltageWaveformsforD
RiseandFallTimes,t ,t
OUT
r
f
VoltageWaveformsforD
DelayTimes,t
OUT
dDO
VoltageWaveformsfort
dis
VoltageWaveformsfort
en
LoadCircuitfort
andt
dis
en
t
r
D
OUT
90%
10%
t
f
D
OUT
TestPoint
t
Waveform2,t
dis
en
V
DD
t
Waveform1
dis
100pF
C
LOAD
3kW
t
dis
CS
/SHDN
D
OUT
Waveform1
(3)
D
OUT
Waveform2
(4)
90%
10%
90%
4
1
B15
5
t
en
CS
/SHDN
DCLOCK
D
OUT
t
dDO
D
OUT
DCLOCK
t
hDO
(3)Waveform1isforanoutputwithinternalconditionssuchthat
theoutputishighunlessdisabledbytheoutputcontrol.
(4)Waveform2isforanoutputwithinternalconditionssuchthat
theoutputislowunlessdisabledbytheoutputcontrol.
CS/SHDN
D
OUT
DCLOCK
t
CYC
PowerDown
Conversion
Sample
Usepositiveclockedgefordatatransfer
t
SUCS
t
CONV
t
SMPL
NOTE:(1)Aminimumof22clockcyclesarerequiredfor16-bitconversion;24clockcyclesareshown.
If
remainslowattheendofconversion,anewdatastreamisshiftedoutwithLSB-firstdatafollowedbyzeroesindefinitely.
CS
B15
(MSB)
B14 B13 B12 B11 B10 B9
B8
B0
(1)
(LSB)
B7
B1
B6
B2
B5
B3
B4
Hi-Z
0
Hi-Z
t
CSD
NOTES:
CS/SHDN
D
OUT
DCLOCK
t
CONV
t
SUCS
t
CSD
t
CYC
PowerDown
t
SMPL
NOTE:(2)Aftercompletingthedatatransfer,iffurtherclocksareappliedwith
low,theA/Dconverterwilloutputzeroesindefinitely.
CS
B15
(MSB)
B14 B13 B12 B11 B6
B5
B4
B4
B3
B3
B2
B2
B1
B1
B0
Null
Bit
Hi-Z
Hi-Z
B5
B0
B11 B12 B13 B14 B15
(2)
(LSB)
(MSB)
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
Figure 1. Timing Diagrams
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com