Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8317 Datasheet HTML 11Page - Texas Instruments ADS8317 Datasheet HTML 12Page - Texas Instruments ADS8317 Datasheet HTML 13Page - Texas Instruments ADS8317 Datasheet HTML 14Page - Texas Instruments ADS8317 Datasheet HTML 15Page - Texas Instruments ADS8317 Datasheet HTML 16Page - Texas Instruments ADS8317 Datasheet HTML 17Page - Texas Instruments ADS8317 Datasheet HTML 18Page - Texas Instruments ADS8317 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
110
105
100
95
90
85
80
-110
-105
-100
-95
-90
-85
-80
1
10
100
200
Frequency(kHz)
THD
(1)
SFDR
NOTE:(1)Firstnineharmonicsoftheinputfrequency.
15.0
14.5
14.0
13.5
13.0
12.5
12.0
1
10
100
200
Frequency(kHz)
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-50
-25
0
25
50
75
100
Temperature( C)
°
f
=1.97754kHz, 0.2dB
-
IN
100
90
80
70
60
50
40
30
20
10
0
-80
-70
-60
-50
-40
-30
-20
-10
0
InputLevel(dB)
f
=1.97754kHz
IN
FFFE FFFF
FFFD
0000
0002 0003 0004
FFFC
3920
1596
1504
497
50
1
581
41
2
0001
Code(Hex)
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS: VDD = +2.7V (continued)
At TA = 25°C, VREF = 1.25V, fSAMPLE = 200kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 32.
Figure 33.
CHANGE IN SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE + DISTORTION
vs TEMPERATURE
vs INPUT LEVEL
Figure 34.
Figure 35.
OUTPUT CODE HISTOGRAM FOR A DC INPUT
(8192 Conversions)
Figure 36.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com