Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8317 Datasheet HTML 6Page - Texas Instruments ADS8317 Datasheet HTML 7Page - Texas Instruments ADS8317 Datasheet HTML 8Page - Texas Instruments ADS8317 Datasheet HTML 9Page - Texas Instruments ADS8317 Datasheet HTML 10Page - Texas Instruments ADS8317 Datasheet HTML 11Page - Texas Instruments ADS8317 Datasheet HTML 12Page - Texas Instruments ADS8317 Datasheet HTML 13Page - Texas Instruments ADS8317 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +5V
3
2
1
0
-1
-2
-3
8000h
C000h
0000h
4000h
7FFFh
OutputCode
3
2
1
0
-1
-2
-3
8000h
C000h
0000h
4000h
7FFFh
OutputCode
1.750
1.745
1.740
1.735
1.730
1.725
1.720
1.715
1.710
-50
-25
0
25
50
75
100
Temperature(°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-50
-25
0
25
50
75
100
Temperature( C)
°
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-50
-25
0
25
50
75
100
Temperature( C)
°
0.50
0.25
0
-0.25
-0.50
-0.75
-50
-25
0
25
50
75
100
Temperature( C)
°
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
At TA = 25°C, VREF = 2.5V, fSAMPLE = 250kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
INTEGRAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 2.
Figure 3.
SUPPLY CURRENT
CHANGE IN OFFSET
vs TEMPERATURE
vs TEMPERATURE
Figure 4.
Figure 5.
CHANGE IN BIPOLAR ZERO ERROR
CHANGE IN GAIN
vs TEMPERATURE
vs TEMPERATURE
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com