Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8317 Datasheet HTML 1Page - Texas Instruments ADS8317 Datasheet HTML 2Page - Texas Instruments ADS8317 Datasheet HTML 3Page - Texas Instruments ADS8317 Datasheet HTML 4Page - Texas Instruments ADS8317 Datasheet HTML 5Page - Texas Instruments ADS8317 Datasheet HTML 6Page - Texas Instruments ADS8317 Datasheet HTML 7Page - Texas Instruments ADS8317 Datasheet HTML 8Page - Texas Instruments ADS8317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADS8317
ADS8317
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
SAR
Serial
Interface
Comparator
ADS8317
S/H Amp
DCLOCK
D
OUT
CS/SHDN
+IN
REF
−IN
CDAC
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
23
• 16 Bits No Missing Codes (Full-Supply Range,
The ADS8317 is a 16-bit, sampling, analog-to-digital
High or Low Grade)
(A/D) converter specified for a supply voltage range
from 2.7V to 5.5V. It requires very little power, even
• Very Low Noise: 5LSB
PP
when operating at the full data rate. At lower data
• Excellent Linearity:
rates, the high speed of the device enables it to
±0.8LSB typ, ±1.5LSB max INL
spend most of its time in the power-down mode. For
+0.7LSB typ, +1.25LSB max DNL
example, the average power dissipation is less than
±1mV max Offset
0.2mW at a 10kHz data rate.
±16LSB typ Gain Error
The ADS8317 offers excellent linearity and very low
• microPower:
noise and distortion. It also features a synchronous
10mW at 5V, 250kHz
serial (SPI/SSI-compatible) interface and a differential
4mW at 2.7V, 200kHz
input. The reference voltage can be set to any level
2mW at 2.7V, 100kHz
within the range of 0.1V to VDD/2.
0.2mW at 2.7V, 10kHz
Low power and small size make the ADS8317 ideal
• MSOP-8 Package
for portable and battery-operated systems. It is also
(SON-8 package available Q1, 2008; package
an excellent fit for remote data-acquisition modules,
size same as 3x3 QFN)
simultaneous multichannel systems, and isolated
data
acquisition.
The
ADS8317
is
available
in
• Pin-Compatible with the ADS8321
MSOP-8 and SON-8 packages. The SON package
• Serial (SPI™/SSI) Interface
size is the same as a 3x3 QFN package.
• Battery-Operated Systems
• Remote Data Acquisition
• Isolated Data Acquisition
• Simultaneous Sampling, Multichannel
Systems
• Industrial Controls
• Robotics
• Vibration Analysis
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8317 TI1-ADS8317 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI2-ADS8317 Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2009
ADS8317I TI2-ADS8317I Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2009
ADS8317IB TI2-ADS8317IB Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2009
ADS8317IBDGKR TI2-ADS8317IBDGKR Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2009
More results

Similar Description - ADS8317

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com