Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8317 Datasheet HTML 1Page - Texas Instruments ADS8317 Datasheet HTML 2Page - Texas Instruments ADS8317 Datasheet HTML 3Page - Texas Instruments ADS8317 Datasheet HTML 4Page - Texas Instruments ADS8317 Datasheet HTML 5Page - Texas Instruments ADS8317 Datasheet HTML 6Page - Texas Instruments ADS8317 Datasheet HTML 7Page - Texas Instruments ADS8317 Datasheet HTML 8Page - Texas Instruments ADS8317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
NO
INTEGRAL
MISSING
LINEARITY
CODES
SPECIFIED
TRANSPORT
ERROR
ERROR
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)(2)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
ADS8317IDGKT
Tape and Reel, 250
ADS8317I
±2
16
MSOP-8
DGK
–40
°C to +85°C
D17
ADS8317IDGKR
Tape and Reel, 2500
ADS8317IBDGKT
Tape and Reel, 250
ADS8317IB
±1.5
16
MSOP-8
DGK
–40
°C to +85°C
D17
ADS8317IBDGKR
Tape and Reel, 2500
ADS8317IDRBT
Tape and Reel, 250
ADS8317I(3)
±2
16
SON-8
DRB
–40
°C to +85°C
D17
ADS8317IDRBR
Tape and Reel, 2500
ADS8317IBDRBT
Tape and Reel, 250
ADS8317IB(3)
±1.5
16
SON-8
DRB
–40
°C to +85°C
D17
ADS8317IBDRBR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI website at www.ti.com.
(2)
Maximum Integral Linearity Error specifies a 5V power supply and 2.5V reference voltage.
(3)
DRB (SON-8) package available Q1, 2008.
Over operating free-air temperature range (unless otherwise noted).
ADS8317
UNIT
Supply voltage, VDD to GND
–0.3 to +7
V
Analog input voltage(2)
–0.3 to VDD + 0.3
V
Reference input voltage(2)
–0.3 to VDD + 0.3
V
Digital input voltage(2)
–0.3 to VDD + 0.3
V
Input current to any pin except supply
–20 to +20
mA
Power dissipation
See Dissipation Ratings Table
Operating virtual junction temperature range, TJ
–40 to +150
°C
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Lead Temperature 1.6mm (1/16 inch) from case for 10sec
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground terminal.
DERATING
FACTOR ABOVE
TA ≤ +25°C
TA = +70°C
TA = +85°C
PACKAGE
RθJC
RθJA
TA = +25°C
POWER RATING
POWER RATING
POWER RATING
DGK
+39.1
°C/W
+206.3
°C/W
4.847mW/
°C
606mW
388mW
315mW
DRB
+5
°C/W
+45.8
°C/W
3.7mW/
°C
370mW
204mW
148mW
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com