Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 39
Offset 3Ch
RAMWRDATA
W
RAMWRDATA
This port is for designers to write data into SDRAM.
Offset 3Dh ……..……..…………………..………..….………..….…..…….…. Default value = 8’h00
X
X
X
X
FEEDL19
FEEDL18
FEEDL17
FEEDL16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3-0 FEEDL[19:16] Steps number of motor moving.
Note: It cannot be programmed to logic zero.
Offset 3Eh ……..……..…………………..………..….………..….…..…….…. Default value = 8’h00
FEEDL15
FEEDL14
FEEDL13
FEEDL12
FEEDL11
FEEDL10
FEEDL9
FEEDL8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FEEDL[15:8]
Steps number of motor moving.
Note: It cannot be programmed to logic zero.
Offset 3Fh ……..……..…………………..………..….………..….…..…….…. Default value = 8’h00
FEEDL7
FEEDL6
FEEDL5
FEEDL4
FEEDL3
FEEDL2
FEEDL1
FEEDL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FEEDL[7:0]
Steps number of motor moving.
Note: It cannot be programmed to logic zero.
Offset 40h
DOCSNR
ADFSNR COVERSNR CHKVER
DOCJAM HISPDFLG MOTMFLG DATAENB
R
R
R
R
R
R
R
R
7 DOCSNR
Respond to document sensor status for ADF function.
6 ADFSNR
Respond to ADF sensor status for ADF function.
5 COVERSNR
Respond to cover sensor status for ADF function.
4 CHKVER
It is fixed to ‘1’ to indicate that the value in Reg00 is valid.
3 DOCJAM
Respond to document feeding status for ADF function.
0
No jam happened.
1
Document jammed.
2 HISPDFLG
0
Motor is not in high-speed moving.
1
Motor is in high-speed moving.
1 MOTMFLG
0
Motor is stop.
1
Motor is moving.
0 DATAENB
0
Scanner is in command mode. Designers can access other data in SDRAM
rather than image data.
1
Scanner is in scanning mode. Designers can only read the image data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com