Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 45 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 45 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 45
Offset 59h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
BSMP4
BSMP3
BSMP2
BSMP1
BSMP0
BSMPW2
BSMPW1
BSMPW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-3 BSMP[4:0]
Rising edge position of dark voltage sampling for AFE.
2-0 BSMPW[2:0]
Pulse width of dark voltage sampling.
(1). Color, gray or line-art : 12 clocks (phase)/pixel mode
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
AFE
BSMP
Reg59=52H : BSMP[4:0]=10H
BSMPW[2:0]=2H
Note: 16 clocks (phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12
clocks(phase)/pixel mode.
Offset 5Ah ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
ADCLKINV
RLCSEL
CDSREF1
CDSREF0
RLC3
RLC2
RLC1
RLC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 ADCLKINV
0
ADC clock in not reversed.
1
ADC clock is reversed.
6 RLCSEL
0
Do not select.
1
Select reset level clamp on a pixel-by-pixel basis.
5-4 CDSREF[1:0]
Front-end CDS reference for line rate scanning type.
3-0 RLC[3:0]
Front-end RLC for line rate scanning type.
Offset 5Bh ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
X
MTRTBL GMMADDR13 GMMADDR12 GMMADDR11 GMMADDR10 GMMADDR9 GMMADDR8
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 RESERVED
-
6 MTRTBL
0
To write gamma tables address by GMMADDR[12:0]
1
To write motor tables address by GMMADDR[12:0]
5-0 GMMADDR[13:8] Start address for downloading gamma or motor tables (in word)
Offset 5Ch ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
GMMADDR7 GMMADDR6 GMMADDR5 GMMADDR4 GMMADDR3 GMMADDR2 GMMADDR1 GMMADDR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 GMMADDR[7:0] Start address for downloading gamma or motor tables (in word)
Offset 5Dh ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
HISPD7
HISPD6
HISPD5
HISPD4
HISPD3
HISPD2
HISPD1
HISPD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com