Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 28Page - GENESYS LOGIC GL843 Datasheet HTML 29Page - GENESYS LOGIC GL843 Datasheet HTML 30Page - GENESYS LOGIC GL843 Datasheet HTML 31Page - GENESYS LOGIC GL843 Datasheet HTML 32Page - GENESYS LOGIC GL843 Datasheet HTML 33Page - GENESYS LOGIC GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 32
Offset 1Dh ……..……………………………………..…………..….…..………. Default value = 8’h04
CK4LOW
CK3LOW
CK1LOW
TGSHLD4
TGSHLD3
TGSHLD2
TGSHLD1
TGSHLD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CK4LOW
0
Clock 4 will be high when TG goes high.
1
Clock 4 will be low when TG goes high.
6 CK3LOW
0
Clock 3 will be high when TG goes high.
1
Clock 3 will be low when TG goes high.
5 CK1LOW
0
Clock 1 & 2 will be high when TG goes high.
1
Clock 1 & 2 will be low when TG goes high.
4-0 TGSHLD[4:0]
CCD TG shoulder width (in pixel time). Please refer to Reg34.
Note: Designers have to program the TGSHLD >= 2 (more than two).
Offset 1Eh ……..……………………………………..…………..….…..………. Default value = 8’h20
WDTIME3 WDTIME2 WDTIME1 WDTIME0 LINESEL3 LINESEL2 LINESEL1 LINESEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-4 WDTIME[3:0] To set watch-dog time.
The unit is 30 seconds.
3-0 LINESEL[3:0] To set vertical resolution for CIS or dummy lines for CCD.
CIS : LINESEL = 0
full resolution.
= 1
1/2 resolution.
= 2
1/3 resolution .
…..
= 15
1/16 resolution.
CCD : LINESEL = 0
no dummy line.
= 1
1 dummy line.
= 2
2 dummy lines.
…..
= 15
15 dummy lines.
Note: In contrary to dummy line feature in CCD, for low resolution in CIS, the
scanning speed is improved by implementing fast motor moving.
Offset 1Fh ……..……………………………………..…………..….…..…….…. Default value = 8’h00
SCANFED7 SCANFED6 SCANFED5 SCANFED4 SCANFED3 SCANFED2 SCANFED1 SCANFED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 SCANFED[7:0] Steps number setting for moving to scanning position.
Please refer to description of Reg6A
Note: 1.it cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 20h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
BUFSEL7
BUFSEL6
BUFSEL5
BUFSEL4
BUFSEL3
BUFSEL2
BUFSEL1
BUFSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BUFSEL[7:0]
To set buffer condition.
When buffer is full, scanner will stop and wait for host to read out image data
from SDRAM.
The valid data count (has not been read) is represented by VALIDWORD (in word).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com