Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 33 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 33 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 29Page - GENESYS LOGIC GL843 Datasheet HTML 30Page - GENESYS LOGIC GL843 Datasheet HTML 31Page - GENESYS LOGIC GL843 Datasheet HTML 32Page - GENESYS LOGIC GL843 Datasheet HTML 33Page - GENESYS LOGIC GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 33
If VALIDWORD < buffer condition, then the scanner will re-start to scan.
Following are the units of this register under various SDRAM size.
16M bits SDRAM
: 4k words
64M bits SDRAM
: 16k words
128M bits SDRAM : 32K words
256M bits SDRAM : 64K words
512M bits SDRAM : 128K words
Offset 21h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
STEPNO7
STEPNO6
STEPNO5
STEPNO4
STEPNO3
STEPNO2
STEPNO1
STEPNO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 STEPNO[7:0]
Steps number of “table one” for the acceleration/deceleration of scanning moving.
Please refer to section 6.19 and the descriptions of Reg24 & Reg6A.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 22h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
FWDSTEP7 FWDSTEP6 FWDSTEP5 FWDSTEP4 FWDSTEP3 FWDSTEP2 FWDSTEP1 FWDSTEP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FWDSTEP[7:0] Steps number for forward moving when buffer condition is met.
Please refer to section 6.19 and the descriptions of Reg20 & Reg24.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 23h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
BWDSTEP7 BWDSTEP6 BWDSTEP5 BWDSTEP4 BWDSTEP3 BWDSTEP2 BWDSTEP1 BWDSTEP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BWDSTEP[7:0] Steps number for backward moving when image buffer is full.
Please refer to section 6.19 and the descriptions of Reg24.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 24h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
FASTNO7
FASTNO6
FASTNO5
FASTNO4
FASTNO3
FASTNO2
FASTNO1
FASTNO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FASTNO[7:0]
Steps number of “table two” for the acceleration/deceleration when image buffer
is full.
Please refer to section 6.19 and the descriptions of Reg20.
Note: It cannot be programmed to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com