Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 79 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 79 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 75Page - GENESYS LOGIC GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC GL843 Datasheet HTML 80Page - GENESYS LOGIC GL843 Datasheet HTML 81Page - GENESYS LOGIC GL843 Datasheet HTML 82Page - GENESYS LOGIC GL843 Datasheet HTML 83Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 79
When document sheet keeps moving forward, after sensing the absent of document by ADF sensor, scanning
process will be terminated after PSTFED scanning lines.
35 Supports RS232 Interface
GL843 supports RS232 interface via internal logic circuitry. Programmers need to set the RS232SEL control
bit to logic ‘1’. GPIO6 transmits the data of RS232 and GPIO28 receives the data of RS232 under RS232
mode. The baud rate can be programmed to 2400,4800, 9600 and 19200 bps by S/W.
36 Supports EEPROM (93C46) Interface
GL843 supports EEPROM interface via internal logic circuitry. Programmers need to set the EPROMSEL
control bit to logic ‘1’. GPIO1 controls SK of external EEPROM, GPIO2 controls DI/DO of EEPROM and
GPIO17 controls CS of external EEPROM under EEPROM mode.
37 Embedded RISC CPU for Scanning, Run-in and Diagnostic Tests
GL843 embeds a powerful RISC CPU. It has timers, counters and interrupt ports. Designers can use the
embedded CPU to do the run-in, diagnostic tests and anything he wants to do.
38 Supports External 24Kbytes flash ROM or Internal 24Kbyte mask ROM
Designers can use 24K bytes embedded mask ROM or external flash ROM. Firmware can be downloaded to
flash ROM directly by PC S/W. It provides a flexible development environment to design the firmware.
39 Supports Key-Matrix with Latch Function
Designers need to set MATRIXEN control bit to logic ‘1’ to enable key-matrix function. GPIO13~15 are the
scanning output of key-matrix and GPIO1~4 are the scanning input of key-matrix. Designers can select 1*4,
2*4 or 3*4 matrix for different applications.
By resetting MATRIXEN to logic ‘0’, designers can directly use GPIO1~4 as four hot keys inputs.
Any hot key status is latched into key buffer until it is read out.
40 “True gray” with R,G and B weightings
Designers can obtain the “true gray” image data by enabling “true gray” function. Image data is generated by
R,G and B outputs and multiplied by weightings.
Formula of true gray value = R*(TRUER [7:0]) + G*(TRUEG [7:0]) + B*(TRUEB [7:0])
Document
Sensor
ADF
Sensor
Document Sheet
Scanning Window
PSTFED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com