Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL843 Datasheet(PDF) 49 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 49 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC GL843 Datasheet HTML 51Page - GENESYS LOGIC GL843 Datasheet HTML 52Page - GENESYS LOGIC GL843 Datasheet HTML 53Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 49
7-6 STEPSEL[1:0] For type selection of table one, table two and table three in scanning mode.
(1) For bipolar motors:
00
Full step (for 1939, 1940, 2916, 6219, 3955, 3967).
01
Half step (for 1939, 1940, 2916, 6219, 3955, 3967).
10
Quarter step (for 2916, 6219, 3955, 3967).
11
Eighth step (for 3955, 3967).
(2) For unipolar motors:
00
Two-phase-on full step.
01
Half step.
10
Reserved.
11
Single-phase-on full step.
5-0 MTRPWM[5:0] PWM duty cycle selection of table one, table two and table three of motor phase
of unipolar motors in scanning mode.
MTRPWM = 0
1/64 duty
= 1
2/64 duty
= 2
3/64 duty
……
= 63
64/64 duty
Note: If PHFREQ < 0FH,then PWM setting must < (PHFREQ+1)*4
Offset 68h ……..……..………………..………..….………..….…..………..…. Default value = 8’h7F
FSTPSEL1 FSTPSEL0 FASTPWM5 FASTPWM4 FASTPWM3 FASTPWM2 FASTPWM1 FASTPWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 FSTPSEL[1:0] For type selection of table four and table five in command mode.
(1) For bipolar motors:
00
Full step (for 1939, 1940, 2916, 6219, 3955, 3967).
01
Half step (for 1939, 1940, 2916, 6219, 3955, 3967).
10
Quarter step (for 2916, 6219, 3955, 3967).
11
Eighth step (for 3955, 3967).
(2) For unipolar motors:
00
Two-phase-on full step.
01
Half step.
10
Reserved.
11
Single-phase-on full step.
5-0 FASTPWM[5:0] PWM duty cycle selection of table four and table five of motor phase of unipolar
motors in scanning mode.
FASTPWM = 0
1/64 duty
= 1
2/64 duty
= 2
3/64 duty
……
= 63
64/64 duty
Note: If PHFREQ < 0FH,then PWM setting must < (PHFREQ+1)*4
Offset 69h ……..………………..………..………..….………..….…..…..…..…. Default value = 8’h00
FSHDEC7
FSHDEC6
FSHDEC5
FSHDEC4
FSHDEC3
FSHDEC2
FSHDEC1
FSHDEC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FSHDEC[7:0]
Deceleration steps after scanning finished (table three).
Note: It cannot be programmed to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com