Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-6
Freescale Semiconductor
The MPC8280 controls bus access through the bus request (BR) and bus grant (BG) signals. It determines
the state of the address and data bus busy signals by monitoring DBG, TS, AACK, and TA, and it qualifies
them with ABB and DBB.
The following signals are used for address bus arbitration:
•BR (bus request)—A device asserts BR to request address bus mastership.
•BG (bus grant)—Assertion indicates that a bus device may, with proper qualification, assume
mastership of the address bus. A qualified bus grant occurs when BG is asserted while ABB and
ARTRY are negated.
•ABB (address bus busy)—A device asserts ABB to indicate it is the current address bus master.
Note that if all devices assert ABB with TS and would normally negate ABB after AACK is
asserted, the devices can ignore ABB because the MPC8280 can internally generate ABB. The
MPC8280’s ABB, if enabled, must be tied to a pull-up resistor.
The following signals are used for data bus arbitration:
•DBG (data bus grant)—Indicates that a bus device can, with the proper qualification, assume data
bus mastership. A qualified data bus grant occurs when DBG is asserted while DBB and ARTRY
are negated.
•DBB (data bus busy)—Assertion by the device indicates that the device is the current data bus
master. The device master always assumes data bus mastership if it needs the data bus and is given
a qualified data bus grant (see DBG). Note that if all devices assert DBB in conjunction with
qualified data bus grant and would normally negate DBB after the last TA is asserted, the devices
can ignore DBB because the MPC8280 can generate DBB internally. The MPC8280’s DBB signal,
if enabled, must be tied to a pull-up resistor.
The following is a summary of rules for arbitration:
•
Preference among devices is determined at the request level. The MPC8280 supports eight levels
of bus requests.
•
When no bus device is requesting the address bus, the MPC8280 parks the device selected in the
arbiter configuration register on the bus.
For more information, see Section 4.3.2.2, “60x Bus Arbiter Configuration Register (PPC_ACR).”
8.3.2
Address Pipelining and Split-Bus Transactions
The 60x bus protocol provides independent address and data bus capability to support pipelined and
split-bus transaction system organizations. Address pipelining allows the next address tenure to begin
before the current data tenure has finished. Although this ability does not inherently reduce memory
latency, support for address pipelining and split-bus transactions can greatly improve effective
bus/memory throughput. These benefits are most fully realized in shared-memory, multiple-master
implementations where bus bandwidth is critical to system performance.
External arbitration (as provided by the MPC8280) is required in systems in which multiple devices share
the system bus. The MPC8280 uses the address acknowledge (AACK) signal to control pipelining. The
MPC8280 supports both one- and zero-level bus pipelining. One-level pipelining is achieved by asserting
AACK to the current address bus master and granting mastership of the address bus to the next requesting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com