Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-3
Figure 8-1. Single-MPC8280 Bus Mode
NOTE
In single-MPC8280 bus mode, the MPC8280 uses the address bus as a
memory address bus. Slaves cannot use the 60x bus signals because the
addresses have memory timing, not address tenure timing.
8.2.2
60x-Compatible Bus Mode
The 60x-compatible bus mode can include one or more potential external masters (for example, an L2
cache, an ASIC DMA, a high-end processor that implements the PowerPC architecture, or a second
MPC8280). When operating in a multiprocessor configuration, the MPC8280 snoops bus operations and
maintains coherency between the primary caches and main memory. Figure 8-2 shows how an external
processor is attached to the MPC8280.
TS
A[0–31]
TT[0–4]
TSIZ[0–3]
TBST
CI
WT
GBL
AACK
ARTRY
DBG
D[0–63]
DP[0–7]
TA
TEA
MPC8280
I/O
MEM
Latch &
DRAM MUX
Memory Control Signals
APE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com