Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 277 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 277 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-1
Chapter 8
The 60x Bus
The 60x bus, which is used by processors that implement the PowerPC architecture, provides flexible
support for the on-chip MPC603 processor as well as other internal and external bus devices. The 60x bus
supports 32-bit addressing, a 64-bit data bus, and burst operations that transfer as many as 256 bits of data
in a four-beat burst. The 60x data bus can be accessed in 8-, 16-, 32-, and 64-bit data ports. The 60x bus
supports accesses of 1, 2, 3, and 4 bytes, aligned or unaligned, on 4-byte (word) boundaries; it also supports
64-, 128-, 192-, and 256-bit accesses.
The address and data buses support synchronous, one-level pipeline transactions. The 60x bus interface
can be configured to support both external and internal masters or internal masters only.
8.1
Terminology
Table 8-1 defines terms used in this chapter.
Table 8-1. Terminology
Term
Definition
Atomic
A bus access that attempts to be part of a read-write operation to the same address uninterrupted
by any other access to that address. The MPC8280 initiates the read and write separately, but
signals the memory system that it is attempting an atomic operation. If the operation fails, status is
kept so that MPC8280 can try again.
Beat
A single state on the MPC8280 interface that may extend across multiple bus cycles. (An MPC8280
transaction can be composed of multiple address or data beats.)
Burst
A multiple-beat data transfer whose total size is typically equal to a cache block size (in MPC8280:
32 bytes, or 4 data beats at 8 bytes per beat).
Cache block
The PowerPC architecture defines the basic unit of coherency as a cache block, which can be
considered the same thing as a cache line.
Clean
An operation that causes a cache block to be written to memory if modified, and then left in a valid,
unmodified state in the cache.
Flush
An operation that causes a cache block to be invalidated in the cache, and its data, if modified, to
be written back to main memory.
Kill
An operation that causes a cache block to be invalidated in the cache without writing any modified
data to memory.
Lane
A sub-grouping of signals within a bus. An 8-bit section of the address or data bus may be referred
to as a byte lane for that bus.
Master
The device that owns the address or data bus, the device that initiates or requests the transaction.
Modified
Identifies a cache block The M state in a MESI or MEI protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com