Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 274 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 274 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-16
Freescale Semiconductor
PCI controller can initiate global transactions—Assertion must occur at least one
clock cycle following AACK for the current transaction and at least one
clock cycle after ARTRY can be asserted.
Negation—Occurs after the clock cycle of the final (or only) data beat of the
transfer. For a burst transfer, TA may be negated between beats to insert one or
more wait states before the completion of the next beat.
7.2.8.2
Transfer Error Acknowledge (TEA)
The transfer error acknowledge (TEA) signal is both input and output on the MPC8280.
7.2.8.2.1
Transfer Error Acknowledge (TEA)—Input
Following are the state meaning and timing comments for the TEA input signal.
State Meaning
Asserted—Indicates that a bus error occurred. The assertion of TEA causes the
negation/high impedance of DBB in the next clock cycle. However, data entering
the MPC8280 internal memory resources such as GPRs or caches are not
invalidated.
Negated—Indicates that no bus error was detected.
Timing Comments
Assertion—May be asserted while DBB is asserted and for the cycle after is TA is
asserted during a read operation. TEA should be asserted for one cycle only.
Negation—TEA must be negated no later than the negation of DBB.
7.2.8.2.2
Transfer Error Acknowledge (TEA)—Output
Following are the state meaning and timing comments for the TEA output.
State Meaning
Asserted—Indicates that a bus error has occurred. Assertion of TEA terminates
the transaction in progress; that is, asserting TA is unnecessary because it is
ignored by the target device. An unsupported memory transaction, such as a
direct-store access or a graphics read or write, causes the assertion of TEA
(provided TEA is enabled and the address transfer matches the MPC8280 memory
map).
Negated—Indicates that no bus error was detected.
Timing Comments
Assertion—Occurs on the first clock after the bus error is detected.
Negation—Occurs one clock after assertion.
7.2.8.3
Partial Data Valid Indication (PSDVAL)
The partial data valid indication (PSDVAL) is both an input and output on the MPC8280.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com