Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-14
Freescale Semiconductor
7.2.7.2.1
Data Bus Parity (DP[0–7])—Output
Following are the state meaning and timing comments for the DP[0–7] output signals.
State Meaning
Asserted/Negated—Represents odd parity for each of 8 bytes of data write
transactions. Odd parity means that an odd number of bits, including the parity bit,
are driven high. The signal assignments are listed in Table 7-2.
Timing Comments
Assertion/Negation—The same as the data bus.
High Impedance—The same as the data bus.
7.2.7.2.2
Data Bus Parity (DP[0–7])—Input
Following are the state meaning and timing comments for the DP input signals.
State Meaning
Asserted/Negated—Represents odd parity for each byte of read data. Parity is
checked on all data byte lanes, regardless of the size of the transfer. Detected even
parity causes a checkstop if data parity errors are enabled in the BCS[PAR_EN].
Timing Comments
Assertion/Negation—The same as D[0–63].
7.2.8
Data Transfer Termination Signals
Data termination signals are required after each data beat in a data transfer. Note that in a single-beat
transaction that is not a port-size transfer, the data termination signals also indicate the end of the tenure.
In burst or port size accesses, the data termination signals apply to individual beats and indicate the end of
the tenure only after the final data beat. For a detailed description of how these signals interact, see
Section 8.5, “Data Tenure Operations.”
7.2.8.1
Transfer Acknowledge (TA)
The transfer acknowledge (TA) signal is both input and output on the MPC8280.
Table 7-2. DP[0–7] Signal Assignments
Signal Name
Data Bus Signal Assignments
DP0
D[0–7]
DP1
D[8–15
DP2
D[16–23]
DP3
D[24–31]
DP4
D[32–39]
DP5
D[40–47]
DP6
D[48–55]
DP7
D[56–63]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com