Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 268 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 268 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-10
Freescale Semiconductor
7.2.5.1.2
Address Acknowledge (AACK)—Input
Following are the state meaning and timing comments for AACK as an input signal.
State Meaning
Asserted—Indicates that a 60x bus slave is terminating the address tenure. On the
cycle following the assertion of AACK, the bus master releases the address tenure
related signals to the high-impedance state and samples ARTRY.
Negated—Indicates that the address tenure must remain active and the address
tenure related signals driven.
Timing Comments
Assertion—Occurs during the 60x bus slave access, at least two clocks after TS.
Negation—Occurs one clock after assertion.
7.2.5.2
Address Retry (ARTRY)
The address retry (ARTRY) signal is both an input and output signal on the MPC8280.
7.2.5.2.1
Address Retry (ARTRY)—Output
Following are the state meaning and timing comments for ARTRY as an output signal.
State Meaning
Asserted—Indicates that the MPC8280 detects a condition in which an address
tenure must be retried. If the MPC8280 processor needs to update memory as a
result of snoop that caused the retry, the MPC8280 asserts BR the second cycle
after AACK if ARTRY is asserted.
High Impedance—Indicates that the MPC8280 does not need the address tenure
to be retried.
Timing Comments
Assertion—Asserted the third bus cycle following the assertion of TS if a retry is
required.
Negation—Occurs the second bus cycle after the assertion of AACK. Since this
signal may be simultaneously driven by multiple devices, it negates in a unique
fashion. First the buffer goes to high impedance for a minimum of one-half
processor cycle (dependent on the clock mode), then it is driven negated for one
bus cycle before returning to high impedance.
7.2.5.2.2
Address Retry (ARTRY)—Input
Following are the state meaning and timing comments for the ARTRY input.
State Meaning
Asserted—If the MPC8280 is the address bus master, ARTRY indicates that the
MPC8280 must retry the preceding address tenure and immediately negate BR (if
asserted). If the associated data tenure has started, the MPC8280 also aborts the
data tenure immediately even if the burst data has been received. If the MPC8280
is not the address bus master, this input indicates that the MPC8280 should negate
BR for one bus clock cycle immediately after external device asserts ARTRY to
permit a copy-back operation to main memory. Note that the subsequent address
presented on the address bus may not be the one that generated the assertion of
ARTRY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com