Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 266 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-8
Freescale Semiconductor
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.4.3
Transfer Burst (TBST)
The transfer burst (TBST) signal is an input/output signal on the MPC8280. Following are the state
meaning and timing comments for the TBST output/input signal.
State Meaning
Asserted—Indicates that a burst transfer is in progress (see Section 8.4.3.3,
“TBST and TSIZ[0–3] Signals and Size of Transfer”). During graphics transfer
operations, this signal forms part of the Resource ID field from the EAR as
follows:
TBST || TSIZ[0–3] = EAR[28–31]. (See TBST.)
Negated—Indicates that a burst transfer is not in progress.
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.4.4
Global (GBL)
The global (GBL) signal is an input/output signal on the MPC8280.
7.2.4.4.1
Global (GBL)—Output
Following are the state meaning and timing comments for the GBL output signal.
State Meaning
Asserted—Indicates that the transaction is global and should be snooped by other
devices. GBL reflects the M bit (WIM bits) from the MMU except during certain
transactions.
Negated—Indicates that the transaction is not global and should not be snooped
by other devices.
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.4.4.2
Global (GBL)—Input
Following are the state meaning and timing comments for the GBL input signal.
State Meaning
Asserted—Indicates that a transaction must be snooped by MPC8280.
Negated—Indicates that a transaction should not be snooped by MPC8280. (In
addition, certain non-global transactions are snooped for reservation coherency.)
Timing Comments
Assertion/Negation—Same as A[0–31].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com