Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-7
7.2.3.1.2
Address Bus (A[0–31])—Input
Following are the state meaning and timing comments for the A[0–31] input signals.
State Meaning
Asserted—Indicates that another device has begun a bus transaction and that the
address bus and transfer attribute signals are valid for snooping and in slave mode.
Negated—Has no special meaning.
Timing Comments
Assertion/Negation—Must be valid on the same cycle that TS is asserted; sampled
by the processor only on this cycle.
7.2.4
Address Transfer Attribute Signals
In internal only mode the address transfer attribute signals have no meaning.
The transfer attribute signals are a set of signals that further characterize the transfer—such as the size of
the transfer, whether it is a read or write operation, and whether it is a burst or single-beat transfer. For a
detailed description of how these signals interact, see Section 7.2.4, “Address Transfer Attribute Signals.”
7.2.4.1
Transfer Type (TT[0–4])
The transfer type signals (TT[0–4]) consist of five input/output signals on the MPC8280. For a complete
description of TT[0–4] signals and transfer type encoding, see Section 8.4.3.1, “Transfer Type Signal
(TT[0–4]) Encoding.”
7.2.4.1.1
Transfer Type (TT[0–4])—Output
Following are the state meaning and timing comments for the TT[0–4] output signals on the MPC8280.
State Meaning
Asserted/Negated—Specifies the type of transfer in progress.
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.4.1.2
Transfer Type (TT[0–4])—Input
Following are the state meaning and timing comments for the TT[0–4] input signals on the MPC8280.
State Meaning
Asserted/Negated—Specifies the type of transfer in progress for snooping by the
MPC8280.
Timing Comments
Assertion/Negation—Same as A[0–31].
7.2.4.2
Transfer Size (TSIZ[0–3])
The transfer size (TSIZ[0–3]) signals consist of four input/output signals on the MPC8280, following are
the state meaning and timing comments for the TSIZ[0–3] signals on the MPC8280.
State Meaning
Asserted/Negated—Specifies the data transfer size for the transaction (see
Section 8.4.3.3, “TBST and TSIZ[0–3] Signals and Size of Transfer”). During
graphics transfer operations, these signals form part of the Resource ID (see
TBST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com