Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-3
7.2.1
Address Bus Arbitration Signals
The address arbitration signals are a collection of input and output signals devices use to request address
bus mastership, recognize when the request is granted, and indicate to other devices when mastership is
granted. For a detailed description of how these signals interact, see Section 8.4.1, “Address Arbitration.”
Bus arbitration signals have no meaning in internal-only mode.
7.2.1.1
Bus Request (BR)—Output
The bus request (BR) signal is both an input and an output signal on the MPC8280.
7.2.1.1.1
Address Bus Request (BR)—Output
Following are the state meaning and timing comments for the BR signal output.
State Meaning
Asserted—Indicates that MPC8280 is requesting mastership of the address bus.
Note that BR may be asserted for one or more cycles and then deasserted due to
an internal cancellation of the bus request (for example, due to a load hit in the
touch load buffer). See Section 8.4.1, “Address Arbitration.”
Negated—Indicates that the MPC8280 is not requesting the address bus. The
MPC8280 may have no bus operation pending, it may be parked, or the ARTRY
input was asserted on the previous bus clock cycle.
Timing Comments
Assertion—May occur on any cycle; does not occur if the MPC8280 is parked and
the address bus is idle (BG asserted and ABB input negated).
Negation—Occurs for at least one cycle following a qualified BG even if another
transaction is pending; also negated for at least one cycle following any qualified
ARTRY on the bus unless MPC8280 asserted ARTRY and requires a snoop
copyback; may also be negated if MPC8280 cancels the bus request internally
before receiving a qualified BG.
High Impedance—Occurs during a hard reset or checkstop condition
7.2.1.1.2
Address Bus Request (BR)—Input
Following are the state meaning and timing comments for the BR signal input.
State Meaning
Asserted—Indicates that the external master has a bus transaction to perform and
is waiting for a qualified BG to begin the address tenure. BR may be asserted even
if the two possible pipelined address tenures have already been granted.
Negated—Indicates that the external master has no bus transaction to perform, or
if the device is parked, that it is potentially ready to start a bus transaction on the
next clock cycle (with proper qualification, see BG).
Timing Comments
Assertion—May occur on any cycle; does not occur if the external master is
parked and the address bus is idle (BG asserted and ABB input negated).
Negation—Occurs for at least one cycle after a qualified BG even if another
transaction is pending; also negated for at least one cycle following any qualified
ARTRY on the bus unless this chip asserted the ARTRY and requires to perform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com