Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-4
Freescale Semiconductor
a snoop copyback; may also be negated if the external master cancels a bus request
internally before receiving a qualified BG.
High Impedance—Occurs during a hard reset or checkstop condition.
7.2.1.2
Bus Grant (BG)
The address bus grant (BG) signal is both an input and an output signal.
7.2.1.2.1
Bus Grant (BG)—Input
The following are the state meaning and timing comments for the BG signal input.
State Meaning
Asserted—Indicates that the MPC8280 may, with the proper qualification, begin
a bus transaction and assume ownership of the address bus. A qualified bus grant
is generally determined from the bus state as follows: QBG = BG • ¬ABB •
¬ARTRY where ARTRY is asserted only during the cycle after AACK. Note that
the assertion of BR is not required for a qualified bus grant (for bus parking).
Negated—Indicates that the MPC8280 is not granted next address ownership.
Timing Comments
Assertion—May occur on any cycle. Once the MPC8280 has assumed address bus
ownership, it does not begin checking for BG again until the cycle after AACK.
Negation—May occur whenever the MPC8280 must be prevented from using the
address bus. The MPC8280 may still assume address bus ownership on the cycle
BG is negated if it was asserted the previous cycle with other bus grant
qualifications.
7.2.1.2.2
Bus Grant (BG)—Output
Following are the state meaning and timing comments for the BG signal output.
State Meaning
Asserted—Indicates that the external device may, with the proper qualification,
begin a bus transaction and assume ownership of the address bus. A qualified bus
grant is generally determined from the bus state as follows: QBG = BG • ¬ABB
• ¬ARTRY where ARTRY is asserted only during the cycle after AACK. Note that
the assertion of BR is not required for a qualified bus grant (for bus parking).
Negated—Indicates that the external device is not granted next address
ownership.
Timing Comments
Assertion—May occur on any cycle. Once the external device has assumed
address bus ownership, it does not begin checking for BG again until the cycle
after AACK.
Negation—May occur when an external device must be kept from using the
address bus. The external device may still assume address bus ownership on the
cycle that BG is negated if it was asserted the previous cycle with other bus grant
qualifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com