Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 263 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-5
7.2.1.3
Address Bus Busy (ABB)
The address bus busy (ABB) signal is both an input and an output signal.
7.2.1.3.1
Address Bus Busy (ABB)—Output
Following are the state meaning and timing comments for the ABB output signal.
State Meaning
Asserted—Indicates that the MPC8280 is the current address bus master. The
MPC8280 may not assume address bus ownership in case a bus request is
internally cancelled by the cycle a qualified BG would have been recognized.
Negated—Indicates that MPC8280 is not the current address bus master.
Timing Comments
Assertion—Occurs the cycle after a qualified BG is accepted by MPC8280 and
remains asserted for the duration of the address tenure.
Turn-Off Sequencing—Negates for a fraction of a bus cycle (1/2 minimum,
depends on clock mode) starting the cycle following the assertion of AACK. It
then goes to the high impedance state.
7.2.1.3.2
Address Bus Busy (ABB)—Input
Following are the state meaning and timing comments for the ABB input signal.
State Meaning
Asserted—Indicates that external device is the address bus master.
Negated—Indicates that the address bus may be available for use by the MPC8280
(see BG). The MPC8280 also tracks the state of ABB on the bus from the TS and
AACK inputs. (See section on address arbitration phase.)
Timing Comments
Assertion—May occur whenever the MPC8280 must be prevented from using the
address bus.
Negation—May occur whenever the MPC8280 may use the address bus.
7.2.2
Address Transfer Start Signal
In the internal only mode the address transfer start signal has no meaning.
Address transfer start signal are input and output signals that indicate that an address bus transfer has
begun.
7.2.2.1
Transfer Start (TS)
The TS signal is both an input and an output signal on the MPC8280.
7.2.2.1.1
Transfer Start (TS)—Output
Following are the state meaning and timing comments for the TS output signal.
State Meaning
Asserted—Indicates that the MPC8280 has started a bus transaction and that the
address bus and transfer attribute signals are valid. It is also an implied data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com