Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 269 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-11
Negated/High Impedance—Indicates that the MPC8280 does not need to retry the
last address tenure.
Timing Comments
Assertion—May occur as early as the second cycle following the assertion of TS
and must occur by the bus clock cycle immediately following the assertion of
AACK if an address retry is required.
Negation—Must occur during the second cycle after the assertion of AACK.
7.2.6
Data Bus Arbitration Signals
The data bus arbitration signals have no meaning in internal-only mode.
Like the address bus arbitration signals, data bus arbitration signals maintain an orderly process for
determining data bus mastership. Note that there is no data bus arbitration signal equivalent to the address
bus arbitration signal BR (bus request), because, except for address-only transactions, TS implies data bus
requests. For a detailed description on how these signals interact, see Section 8.5.1, “Data Bus
Arbitration.”
7.2.6.1
Data Bus Grant (DBG)
The data bus grant signal (DBG) is an output/input on the MPC8280.
7.2.6.1.1
Data Bus Grant (DBG)—Input
DBG an input when MPC8280 is configured to an external arbiter. The following are the state meaning
and timing comments for DBG.
State Meaning
Asserted—Indicates that the MPC8280 may, with the proper qualification, assume
mastership of the data bus. The MPC8280 derives a qualified data bus grant when
DBG is asserted and DBB and ARTRY are negated; that is, the data bus is not busy
(DBB is negated), and there is no outstanding attempt to perform an ARTRY of
the associated address tenure.
Negated—Indicates that the MPC8280 must hold off its data tenures.
Timing Comments
Assertion—May occur any time to indicate the MPC8280 is free to take data bus
mastership. It is not sampled until TS is asserted.
Negation—May occur at any time to indicate the MPC8280 cannot assume data
bus mastership.
7.2.6.1.2
Data Bus Grant (DBG)—Output
DBG signal is output when the MPC8280 configured to use the internal arbiter. Following are the state
meaning and timing comments for the DBG signal.
State Meaning
Asserted—Indicates that the external device may, with the proper qualification,
assume mastership of the data bus. A qualified data bus grant is defined as the
assertion of DBG, negation of DBB, and negation of ARTRY. The requirement for
the ARTRY signal is only for the address bus tenure associated with the data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com