Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-15
7.2.8.1.1
Transfer Acknowledge (TA)—Input
Following are the state meaning and timing comments for the TA input signal.
State Meaning
Asserted—Indicates that a single-beat data transfer completed successfully or that
a data beat in a burst transfer completed successfully. Note that TA must be
asserted for each data beat in a burst transaction. For more information, see
Section 8.5.3, “Data Bus Transfers and Normal Termination.”
Negated—(During assertion of DBB) indicates that, until TA is asserted, the
MPC8280 must continue to drive the data for the current write or must wait to
sample the data for reads.
Timing Comments
Assertion—Depends on whether or not the PCI controller can initiate 60x bus
global transactions when the address retry mechanism is in use:
PCI controller is not used or cannot initiate global transactions— Assertion must
occur at least one cycle following AACK for the current transaction;
otherwise, assertion may occur at any time during the assertion of DBB.
The system can withhold assertion of TA to indicate that the MPC8280
should insert wait states to extend the duration of the data beat.
PCI controller can initiate global transactions—Assertion must occur at least one
clock cycle following AACK for the current transaction and at least one
clock cycle after ARTRY can be asserted.
Negation—Must occur after the bus clock cycle of the final (or only) data beat of
the transfer. For a burst transfer, the system can assert TA for one bus clock cycle
and then negate it to advance the burst transfer to the next beat and insert wait
states during the next beat. (Note: when configured for 1:1 clock mode and is
performing a burst read into the data cache, the MPC8280 requires two wait states
between the assertion of TS and the first assertion of TA for that transaction, or
one wait state for 1.5:1 clock mode.)
7.2.8.1.2
Transfer Acknowledge (TA)—Output
Following are the state meaning and timing comments for TA as an output signal.
State Meaning
Asserted—Indicates that the data has been latched for a write operation, or that the
data is valid for a read operation, thus terminating the current data beat. If it is the
last or only data beat, this also terminates the data tenure.
Negated—Indicates that master must extend the current data beat (insert wait
states) until data can be provided or accepted by the MPC8280.
Timing Comments
Assertion—Depends on whether or not the PCI controller can initiate 60x bus
global transactions when the address retry mechanism is in use:
PCI controller is not used or cannot initiate global transactions—Assertion must
occur at least one cycle following AACK for the current transaction;
occurs on the clock in which the current data transfer can be completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com