Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 270 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 270 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-12
Freescale Semiconductor
tenure about to be granted (that is, not for another address tenure available because
of address pipelining).
Negated—Indicates that an external device is not granted mastership of the data
bus.
Timing Comments
Assertion—Occurs on the first clock in which the data bus is not busy and the
processor has the highest priority outstanding data transaction.
Negation—Occurs one clock after assertion.
7.2.6.2
Data Bus Busy (DBB)
The data bus busy (DBB) signal is both an input and output signal on the MPC8280.
7.2.6.2.1
Data Bus Busy (DBB)—Output
Following are the state meaning and timing comments for the DBB output signal.
State Meaning
Asserted—Indicates that the MPC8280 is the data bus master. The MPC8280
always assumes data bus mastership if it needs the data bus and determines a
qualified data bus grant (see DBG).
Negated—Indicates that the MPC8280 is not using the data bus.
Timing Comments
Assertion—Occurs during the bus clock cycle following a qualified DBG.
Negation—Occurs for a minimum of one-half bus clock cycle following the
assertion of the final TA following TEA or certain ARTRY cases.
High Impedance—Occurs after DBB is negated.
7.2.6.2.2
Data Bus Busy (DBB)—Input
Following are the state meaning and timing comments for the DBB input signal.
State Meaning
Asserted—Indicates that another device is bus master.
Negated—Indicates that the data bus is free (with proper qualification, see DBG)
for use by the MPC8280.
Timing Comments
Assertion—Must occur when the MPC8280 must be prevented from using the
data bus.
Negation—May occur whenever the data bus is available.
7.2.7
Data Transfer Signals
Data transfer signals are used in the same way in both internal only and external master modes. Like the
address transfer signals, the data transfer signals are used to transmit data and to generate and monitor
parity for the data transfer. For a detailed description of how data transfer signals interact, see
Section 7.2.7, “Data Transfer Signals.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com