Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-5
bus specification. For more information, see Section 8.5.5, “Port Size Data Bus Transfers and PSDVAL
Termination.”
Figure 8-3. Basic Transfer Protocol
The basic functions of the address and data tenures are as follows:
•
Address tenure
— Arbitration: Address bus arbitration signals are used to request and grant address bus
mastership.
— Transfer: After a device is granted address bus mastership, it transfers the address. The address
signals and the transfer attribute signals control the address transfer.
— Termination: After the address transfer, the system acknowledges that the address tenure is
complete or that it must be repeated, signalled by the assertion of the address retry signal
(ARTRY).
•
Data tenure
— Arbitration: After the address tenure begins, the bus device arbitrates for data bus mastership.
— Transfer: After the device is granted data bus mastership, it samples the data bus for read
operations or drives the data bus for write operations.
— Termination: Acknowledgment of a successful data transfer is required after each beat in a data
transfer. In single-beat transactions, the data termination signals also indicate the end of the
tenure. In burst or port-size accesses, data termination signals indicate the completion of
individual beats and, after the final data beat, the end of the tenure.
8.3.1
Arbitration Phase
The external bus design permits one device (either the MPC8280 or a bus-attached external device) to be
granted bus mastership at a time. Bus arbitration can be handled either by an external central bus arbiter
or by the internal on-chip arbiter. In the latter case, the system is optimized for three external bus masters
besides the MPC8280. The arbitration configuration (external or internal) is determined at system reset by
sampling configuration pins. See Section 4.3.2.2, “60x Bus Arbiter Configuration Register (PPC_ACR),”
for more information.
Data Tenure
Arbitration
1- or 4-Beat Transfer
Termination
Next Address Tenure
Independent Address and Data Tenures
Arbitration
Transfer
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com