Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 2 Page - Texas Instruments

  TLV914X Datasheet HTML 1Page - Texas Instruments TLV914X Datasheet HTML 2Page - Texas Instruments TLV914X Datasheet HTML 3Page - Texas Instruments TLV914X Datasheet HTML 4Page - Texas Instruments TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information for Single Channel..................... 7
5.5 Thermal Information for Dual Channel........................7
5.6 Thermal Information for Quad Channel...................... 7
5.7 Electrical Characteristics.............................................8
5.8 Typical Characteristics.............................................. 10
6 Detailed Description......................................................18
6.1 Overview................................................................... 18
6.2 Functional Block Diagram......................................... 18
6.3 Feature Description...................................................19
6.4 Device Functional Modes..........................................26
7 Application and Implementation.................................. 27
7.1 Application Information............................................. 27
7.2 Typical Applications.................................................. 27
7.3 Power Supply Recommendations.............................28
7.4 Layout....................................................................... 29
8 Device and Documentation Support............................31
8.1 Device Support......................................................... 31
8.2 Documentation Support............................................ 31
8.3 Receiving Notification of Documentation Updates....31
8.4 Support Resources................................................... 31
8.5 Trademarks...............................................................31
8.6 Electrostatic Discharge Caution................................31
8.7 Glossary....................................................................32
9 Revision History............................................................ 32
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com