Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 5 Page - Texas Instruments

  TLV914X Datasheet HTML 1Page - Texas Instruments TLV914X Datasheet HTML 2Page - Texas Instruments TLV914X Datasheet HTML 3Page - Texas Instruments TLV914X Datasheet HTML 4Page - Texas Instruments TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
1
OUT1
14
OUT4
2
IN1±
13
IN4±
3
IN1+
12
IN4+
4
V+
11
V±
5
IN2+
10
IN3+
6
IN2±
9
IN3±
7
OUT2
8
OUT3
Not to scale
Figure 4-4. TLV9144 D and PW Package
14-Pin SOIC and TSSOP
(Top View)
Table 4-3. Pin Functions: TLV9144
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN1+
3
I
Noninverting input, channel 1
IN1–
2
I
Inverting input, channel 1
IN2+
5
I
Noninverting input, channel 2
IN2–
6
I
Inverting input, channel 2
IN3+
10
I
Noninverting input, channel 3
IN3–
9
I
Inverting input, channel 3
IN4+
12
I
Noninverting input, channel 4
IN4–
13
I
Inverting input, channel 4
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
OUT3
8
O
Output, channel 3
OUT4
14
O
Output, channel 4
V+
4
—
Positive (highest) power supply
V–
11
—
Negative (lowest) power supply
(1)
I = input, O = output
www.ti.com
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com