Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 24Page - Texas Instruments TLV914X Datasheet HTML 25Page - Texas Instruments TLV914X Datasheet HTML 26Page - Texas Instruments TLV914X Datasheet HTML 27Page - Texas Instruments TLV914X Datasheet HTML 28Page - Texas Instruments TLV914X Datasheet HTML 29Page - Texas Instruments TLV914X Datasheet HTML 30Page - Texas Instruments TLV914X Datasheet HTML 31Page - Texas Instruments TLV914X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0A to 1A. To keep the shunt voltage below 100mV at maximum load current, the largest shunt resistor is defined
using Equation 2:
RSHUNT = VSHUNT_MAX 
ILOAD_MAX  = 100mV1A = 100mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the TLV9141 to produce an output voltage of 0V to 4.9V. The gain needed by the TLV9141 to
produce the necessary output voltage is calculated using Equation 3:
Gain = VOUT_MAX –VOUT_MIN
VIN_MAX –VIN_MIN
(3)
Using Equation 3, the required gain is calculated to be 49V/V, which is set with resistors RF and RG. Equation 4
is used to size the resistors, RF and RG, to set the gain of the TLV9141 to 49V/V.
Gain = 1 + RFRG
(4)
Choosing RF as 5.76kΩ, RG is calculated to be 120Ω. RF and RG were chosen as 5.76kΩ and 120Ω because
those are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also be
used. However, excessively large resistors can generate thermal noise that exceeds the intrinsic noise of the op
amp. Figure 7-2 shows the measured transfer function of the circuit shown in Figure 7-1.
7.2.1.3 Application Curve
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
Figure 7-2. Low-Side, Current-Sense, Transfer Function
7.3 Power Supply Recommendations
The TLV914x is specified for operation from 2.7V to 18V (±1.35V to ±9V); many specifications apply from –40°C
to 125°C or with specific supply voltages and test conditions.
CAUTION
Supply voltages larger than 20V can permanently damage the device; see Absolute Maximum
Ratings.
Place 0.1µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, refer to Layout.
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com