Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments TLV914X Datasheet HTML 10Page - Texas Instruments TLV914X Datasheet HTML 11Page - Texas Instruments TLV914X Datasheet HTML 12Page - Texas Instruments TLV914X Datasheet HTML 13Page - Texas Instruments TLV914X Datasheet HTML 14Page - Texas Instruments TLV914X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±9V, VCM = VS / 2, RLOAD = 10kΩ (unless otherwise noted)
10
100
1k
10k
100k
1M
Frequency (Hz)
-10
10
30
50
70
90
110
CMRR
PSRR+
PSRR-
Figure 5-7. CMRR and PSRR vs Frequency
1
10
100
1k
Frequency (Hz)
10
100
1k
Figure 5-8. Input Voltage Noise Density vs Frequency
100
1k
10k
Frequency (Hz)
0.001
0.01
0.1
1
10
100
-100
-80
-60
-40
-20
0
G=1
G=-1
VOUT = 1VRMS, RL = 100kΩ
Figure 5-9. THD+N vs Frequency
10m
100m
1
10
Output Voltage (Vpp)
0.01
0.1
1
10
-80
-60
-40
-20
G=1
G=-1
f = 1kHz, RL = 100kΩ
Figure 5-10. THD+N vs Output Voltage
100
1k
10k
100k
1M
10M
Frequency (Hz)
100
1k
10k
Figure 5-11. Open-Loop Output Impedance vs Frequency
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
0
1
2
3
4
5
6
7
8
9
10
Figure 5-12. Maximum Output Voltage vs Frequency
www.ti.com
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com