Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 1 Page - Texas Instruments

  TLV914X Datasheet HTML 1Page - Texas Instruments TLV914X Datasheet HTML 2Page - Texas Instruments TLV914X Datasheet HTML 3Page - Texas Instruments TLV914X Datasheet HTML 4Page - Texas Instruments TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7µA/Channel)
Operational Amplifier
1 Features
• Wide supply voltage: 2.7V to 18V
• Low quiescent current: 7µA per amplifier
• Rail-to-rail input and output
• Low offset voltage: ±265µV (typical)
• Low offset voltage drift: ±0.2µV/°C (typical)
• High PSRR: 140dB (typical)
• Wide bandwidth: 125kHz GBW, unity-gain stable
• High output current drive: ±40mA
• Low 1/f flicker noise: 3.4µVp-p (f = 0.1Hz to 10Hz)
• High common-mode rejection: 108dB
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C
2 Applications
• Smoke & heat detector
• Field transmitter & sensor
– Flow transmitter
– Pressure transmitter
– Temperature transmitter
– Level transmitter
• Blood glucose monitor
• Oxygern concentrator
• IP network camera
• Motion detector
3 Description
The TLV914x family (TLV9141, TLV9142, and
TLV9144) is a family of high voltage (18V) rail-to-rail
input and output (RRIO) operational amplifiers. These
devices offer excellent performance for low-power
applications, because of the family's low quiescent
current of 7μA/channel.
The TLV914x family offers excellent DC precision,
including low offset voltage (±265µV, typical), low
offset drift (±0.2µV/°C, typical), short-circuit current
limit of 40mA, high PSRR of 140dB, and high CMRR
of 108dB for high voltage operation within the main
input pair. The devices are also rated to work at
wide range of supply voltages from 2.7V to 18V.
This makes the TLV914x a flexible, robust, and
high-performance op amp for high-voltage industrial
applications.
These devices also have a gain bandwidth product of
125kHz and low 1/f flicker noise of 3.4µVpeak-to-peak
(0.1Hz to 10Hz). The family was designed to be
able to directly drive capacitive loads up to 350nF,
while maintaining a phase margin of 30 degrees or
higher. The TLV914x op amp family is available in
several industry-standard packages and the devices
are specified from –40°C to 125°C.
Package Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
PACKAGE SIZE(2)
TLV9141
Single
DBV (SOT-23, 5)
2.9mm × 2.8mm
D (SOIC, 8)
4.9mm × 6mm
TLV9142
Dual
PW (TSSOP, 8)
3mm × 6.4mm
D (SOIC, 8)
4.9mm × 6mm
TLV9144
Quad
D (SOIC, 14)
8.65mm × 6mm
PW (TSSOP, 14)
5mm × 6.4mm
N (PDIP, 14)
19.3mm × 7.94mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Single-Pole, Low-Pass Filter
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV914X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV914X TI-TLV914X Datasheet
2Mb / 46P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV914X TI1-TLV914X Datasheet
2Mb / 51P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
TLV914X TI1-TLV914X Datasheet
3Mb / 54P
TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
DECEMBER 2024
More results

Similar Description - TLV914X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
National Semiconductor ...
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com