Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments TLV914X Datasheet HTML 10Page - Texas Instruments TLV914X Datasheet HTML 11Page - Texas Instruments TLV914X Datasheet HTML 12Page - Texas Instruments TLV914X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
For VS = (V+) – (V–) = 2.7V to 18V (±1.35V to ±9V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT =
VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 18V, VCM = V–,
(V–) + 0.1V < VO < (V+) – 0.1V
110
135
dB
TA = –40°C to 125°C
125
VS = 5V, VCM = V–,
(V–) + 0.1V < VO < (V+) – 0.1V
105
130
TA = –40°C to 125°C
125
VS = 2.7V, VCM = V–,
(V–) + 0.1V < VO < (V+) – 0.1V(1)
100
120
TA = –40°C to 125°C
115
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
RL = 1MΩ
125
kHz
SR
Slew rate
VS = 18V, G = +1, CL = 20pF
0.1
V/µs
tS
Settling time
To 0.01%, VS = 18V, VSTEP = 10V , G = +1, CL = 20pF
135
µs
To 0.01%, VS = 18V, VSTEP = 2V , G = +1, CL = 20pF
68
To 0.1%, VS = 18V, VSTEP = 10V , G = +1, CL = 20pF
121
To 0.1%, VS = 18V, VSTEP = 2V , G = +1, CL = 20pF
51
PM
Phase margin
G = +1, RL = 100kΩ, CL = 100pF
40
°
toverload
Overload recovery time
VIN × gain > VS
35
µs
THD+N
Total harmonic distortion
+ noise (3)
VS = 18V, VO = 1VRMS, G = 1, f = 1kHz, RL = 1MΩ
0.07
%
73
dB
VS = 18V, VO = 1VRMS, G = 1, f = 1kHz, RL = 100kΩ
0.02
%
63
dB
OUTPUT
Voltage output swing from
rail
Positive and negative rail headroom
VS = 18V, RL = no load(1)
5
10
mV
VS = 18V, RL = 10kΩ
50
60
VS = 18V, RL = 2kΩ
266
300
VS = 2.7V, RL = no load(1)
1
5
VS = 2.7V, RL = 10kΩ
12
20
VS = 2.7V, RL = 2kΩ
58
80
ISC
Short-circuit current
±40
mA
CLOAD
Capacitive load drive
See Phase Margin vs Capacitive
Load
pF
ZO
Open-loop output
impedance
IO = 0A
See Open-Loop Output Impedance
vs Frequency
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VCM = V–, IO = 0A
7
9
µA
TA = –40°C to 125°C
9.5
(1)
Max value is specified by characterization only.
(2)
Input differential voltages greater than 2.5V can cause increased IB.
(3)
Third-order filter; bandwidth = 80kHz at –3 dB.
www.ti.com
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com