Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 18 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 18 Page - LEDTRONICS, INC

Back Button GF200-0UR-006B Datasheet HTML 14Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 15Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 16Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 17Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 18Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 19Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 21Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 22Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
T3-1/4 (9mm) Miniature Wedge Based LEDs
660nm Ultra Red
GaAIAs/GaAs
612nm Orange
InGaAIP
595nm Yellow
InGaN
8000K Cool White
InGaN
WF321
WF321-0UR-006B
WF321-0UR-014B
WF321-0UR-024B
WF321-0UR-028B
WF321-0UR-048B
WF321-0UR-120A
WF321-0UR-130V
Replace WF321 With
W321 for Narrow Beam
(15º) 1.6K mcd/52Ft.Cd
@ 20mA
115
5/6V
12/14V
24V
28V
48V
120VAC
130V
20
20
20
20
12
10
8
115
115
115
65
50
40
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
.90
.41
WF321
.90
.41
WF321
WF321-0UY-006B
WF321-0UY-014B
WF321-0UY-024B
WF321-0UY-028B
WF321-0UY-048B
WF321-0UY-120A
WF321-0UY-130V
Replace WF321 With
W321 for Narrow Beam
(15º) 3.2K mcd@ 20mA
116
5/6V
12/14V
24V
28V
48V
120VAC
130V
20
20
20
20
12
10
8
116
116
116
54
39
24
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
.90
.41
WF321
.90
.41
WF321-0CW-006B
WF321-0CW-014B
WF321-0CW-024B
WF321-0CW-028B
WF321-0CW-048B
WF321-0CW-120A
WF321-0CW-130V
Replace WF321 With
W321 for Std. Beam
(50º)
160
5/6V
12/14V
24V
28V
48V
120VAC
130V
15
15
15
15
12
10
8
160
160
160
128
106
85
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
.90
WF3126/
WF3127
.40
WF3126-0UR-006B
WF3126-0UR-014B
WF3127-0UR-024B
WF3127-0UR-028B
5/6V
12/14V
24V
28V
120
40
20
20
600
600
700
700
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
WF3127-0UR-048B
WF3127-0UR-120A
WF3127-0UR-130V
48V
120VAC
130V
WF3126/
WF3127
.40
WF3126-0UO-006B
WF3126-0UO-014B
WF3127-0UO-024B
WF3127-0UO-028B
5/6V
12/14V
24V
28V
510
510
595
595
120
40
20
20
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
Replace WF321 With
W321 for Narrow Beam
(15º) 3.5 K mcd@
20mA
WF321-0UO-006B
WF321-0UO-014B
WF321-0UO-024B
WF321-0UO-028B
WF321-0UO-048B
WF321-0UO-120A
WF321-0UO-130V
130
5/6V
12/14V
24V
28V
48V
120VAC
130V
130
130
130
78
65
52
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
20
20
20
20
12
10
8
120º
.90
WF3127-0UO-048B
WF3127-0UO-120A
WF3127-0UO-130V
120º
612nm Orange
InGaAIP
WF3126/
WF3127
WF3126-0UY-006B
WF3126-0UY-014B
WF3127-0UY-024B
WF3127-0UY-028B
5/6V
12/14V
24V
28V
120
40
20
20
192
192
224
224
.40
.90
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
WF3127-0UY-048B
WF3127-0UY-120A
WF3127-0UY-130V
120º
595nm Yellow
InGaN
12
10
8
230
160
140
48V
120VAC
130V
357
298
238
12
10
8
48V
120VAC
130V
12
10
8
105
87
70
660nm Ultra Red
GaAIAs/GaAs
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com