Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 12 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 12 Page - LEDTRONICS, INC

Back Button GF200-0UR-006B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 9Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 10Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 11Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 12Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 13Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 14Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 15Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 16Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
.20
.63 MAX
.207
Center Contact
.20
.63 MAX
.207
Center Contact
.20
.63 MAX
.207
Center Contact
T1-3/4 (5mm) Midget Screw Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: S200
PN Example: S200-0UR-024P
Series: S206
PN Example: S206-0UY-024B
SF200
SF200-0UR-005P
SF200-0UR-014P
SF200-0UR-024P
SF200-0UR-028P
5V
24V
28V
20
20
15
15
342
335,342,369,399
P = Positive N = Negative
Replace SF200 With S200
Narrow (15º) Beam
Intensity 1.6K mcd/52 Ft.Cd
@20 mA
Center Contact Polarity
336,383
378,1768,1775
12/14V
120º
115
115
85
85
P = Positive N = Negative
Replace SF200 With S200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Center Contact Polarity
SF200
SF200-0UO-005P
SF200-0UO-014P
SF200-0UO-024P
SF200-0UO-028P
5V
24V
28V
342
335,342,369,399
336,383
378,1768,1775
12/14V
120º
130
130
98
98
20
20
15
15
SF200
SF200-0UY-005P
SF200-0UY-014P
SF200-0UY-024P
SF200-0UY-028P
5V
24V
28V
20
20
15
15
342
335,342,369,399
116
116
75
75
P = Positive N = Negative
Replace SF200 With S200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Center Contact Polarity
336,383
378,1768,1775
12/14V
120º
SF200
SF200-0CW-005P
SF200-0CW-014P
SF200-0CW-024P
SF200-0CW-028P
5/6V
24V
28V
15
15
15
15
342
335,342,369,399
160
160
160
160
P = Positive N = Negative
Replace SF200 With S200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Center Contact Polarity
336,383
378,1768,1775
12/14V
120º
SF200
SF200-0UG-005P
SF200-0UG-014P
SF200-0UG-024P
SF200-0UG-028P
5V
24V
28V
20
20
15
15
342
335,342,369,399
58
58
44
44
P = Positive N = Negative
Replace SF200 With S200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Center Contact Polarity
336,383
378,1768,1775
12/14V
120º
SF200
SF200-0AG-005P
SF200-0AG-014P
SF200-0AG-024P
SF200-0AG-028P
5V
24V
28V
15
15
15
15
342
335,342,369,399
400
400
400
400
P = Positive N = Negative
Replace SF200 With S200
Narrow (15º) Beam
Intensity 7Kmcd/250 Ft.Cd
Center Contact Polarity
336,383
378,1768,1775
12/14V
120º
SF200
SF200-0PB-005P
SF200-0PB-014P
SF200-0PB-024P
SF200-0PB-028P
5V
24V
28V
15
15
15
15
342
335,342,369,399
P = Positive N = Negative
Replace SF200 With S200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Center Contact Polarity
336,383
378,1768,1775
12/14V
125
125
125
125
120º
6 Multichip
Single Chip
.20
.63 MAX
.207
Center Contact
.20
.63 MAX
.207
Center Contact
.20
.63 MAX
.207
Center Contact
.20
.63 MAX
.207
Center Contact
.59
.207
.66
.207
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com