Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 7 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 7 Page - LEDTRONICS, INC

Back Button GF200-0UR-006B Datasheet HTML 3Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 4Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 5Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 6Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 7Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 9Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 10Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 11Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
T1(3mm) Sub-Midget Bi-Pin Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: BP120 (No Resistor)
PN Example: BP120-0UY-005B
Series: BP122 (2Chip 160º)
PN Example: BP122-0CO-005B
Series: BP124 (4 Chip 160º)
PN Example: BP124-0UG-005B
BPF120-0UR-005V
BPF120-0UR-014V
BPF120-0UR-024V
BPF120-0UR-028V
BPF120
5V
24V
28V
12/14V
7265,7680,7714
7839
7839
Replace BPF120 With
BP120 Standard (65º)
Beam Intensity 180 mcd/30
Ft.Cd @20 mA
120º
20
15
12
12
100
50
33
33
BP121
Ceramic Base
Replace BPF120 With
BP120 Medium (50º) Beam
Intensity 350 mcd@20 mA
BPF120
BPF120-0UO-005V
BPF120-0UO-014V
BPF120-0UO-024V
BPF120-0UO-028V
5V
24V
28V
12/14V
7265,7680,7714
7839
7839
85
64
51
51
120º
BP121
Ceramic Base
20
15
12
12
BPF120
BPF120-0UY-005V
BPF120-0UY-014V
BPF120-0UY-024V
BPF120-0UY-028V
5V
24V
28V
12/14V
20
15
12
12
7265,7680,7714
7839
7839
32
21
15
15
Replace BPF120 With
BP120 Medium (50º) Beam
Intensity 1K mcd@20 mA
120º
BP121
Ceramic Base
BPF120-0CW-005V
BPF120-0CW-014V
BPF120-0CW-024V
BPF120-0CW-028V
5V
24V
28V
12/14V
15
15
10
10
7265,7680,7714
7839
7839
150
150
100
100
Replace BPF120 With
BP120 Std (50º) Beam
Intensity 650 mcd/75 Ft. cd
@15 mA
120º
BPF120
BP121
Ceramic Base
BPF120
BPF120-0UG-005V
BPF120-0UG-014V
BPF120-0UG-024V
BPF120-0UG-028V
5V
24V
28V
12/14V
20
15
12
12
7265,7680,7714
7839
7839
36
27
22
22
Replace BPF120 With
BP120 Medium (50º) Beam
Intensity 165 mcd@ 20 mA
120º
BP121
Ceramic Base
BPF120
BPF120-0AG-005V
BPF120-0AG-014V
BPF120-0AG-024V
BPF120-0AG-028V
5V
24V
28V
12/14V
15
15
10
10
7265,7680,7714
7839
7839
200
200
150
150
Replace BPF120 With
BP120 Narrow (15º) Beam
Intensity 5K mcd/145 Ft.Cd
@15 mA
120º
BP121
Ceramic Base
BPF120
BPF120-0PB-005V
BPF120-0PB-014V
BPF120-0PB-024V
BPF120-0PB-028V
5V
24V
28V
12/14V
15
15
10
10
7265,7680,7714
7839
7839
Replace BPF120 With
BP120 Std (15º) Beam
Intensity 1.5K mcd/32 Ft.Cd
@15 mA
120º
BP121
Ceramic Base
60
60
45
45
.100
.35
.250
.150 Dia
+
4 Multichip
Dual Chip
.100
.353
.250
.150 Dia
+
.100
.40
.250
.150 Dia
+
Single Chip
Series: BP124 (4 Chip 160º)
PN Example: BP124-0CW-005B
.100
.325
.250
.150 Dia
+
4 Multichip
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
.100
.40
.250
.130
.150 Dia
+
Positive
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com