Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 3 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 3 Page - LEDTRONICS, INC

  GF200-0UR-006B Datasheet HTML 1Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 2Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 3Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 4Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 5Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 6Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 7Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Description
Application Notes. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
`uestionnaire. . . . . . . . . . . . . . . . . . . . . . . . . .
T1 (3mm) Sub-Midget Based LEDs. . . . . . . . . . . . . . . . . .
T1 (3mm) Sub-Midget Bi-Pin Based LEDs. . . . . . . . . . . .
T1-1/2 (4.5mm) Midget Wedge Based LEDs. . . . . . . . . .
T1-3/4 (5mm) Midget Wedge Based LEDs. . . . . . . . . . . .
T1-3/4 (5mm) Midget Flange Based LEDs. . . . . . . . . . . .
T1-3/4 (5mm) Midget Groove Based LEDs. . . . . . . . . . . .
T1-3/4 (5mm) Midget Screw Based LEDs. . . . . . . . . . . . .
T1-3/4 (5mm) Midget Bi-Pin Based LEDs. . . . . . . . . . . . .
T3-1/4 (9mm) Miniature Based LED Lamps. . . . . . . . . . .
T3-1/4 (9mm) Miniature Wedge Based LEDs. . . . . . . . . .
T3-1/4 (9mm) Miniature Scew Based LEDs. . . . . . . . . . .
S6 Candelabra Screw Based LEDs. . . . . . . . . . . . . . . . . .
T5.5K European Telephone Slide Based LEDs. . . . . . . .
T6.8 European Telephone Slide Based LEDs. . . . . . . . .
T2 ANSI #5 Telephone Slide Based LEDs. . . . . . . . . . . .
T2 ANSI #2 & #3 Telephone Slide Based LEDs. . . . . . . .
T2 #1 Telephone Slide Based LEDs. . . . . . . . . . . . . . . . . .
LED Color Chart. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Page
4
5
6
7
8
9
10
11
12
13
14–17
18–19
20
21–22
23
24
25
26
27
28
Series
1SB200
1SBF200
2SB200
2SB206
2SBF200
5SB200
5SB206
5SBF200
55KSB200
55KSB206
55KSBF200
68SB200
68SB206
68SBF200
B3127
B3206
B321
BF304
BF3126
BF3127
BF321
BM326
BN306
BN307
BN309
BP120
Page
27
27
26
26
26
25
25
25
23
23
23
24
24
24
17
17
17
14,15,16,17
14,15,16,17
14,15,16,17
14,15,16,17
17
17
17
17
7
Series
BP121
BP122
BP124
BP200
BP203
BPF120
BPF200
BSD1174
F120
F121
F122
F124
F200
F206
FF120
FF200
FFL200
FL206
G200
G206
GF200
HL230
HLC2020
HLC310
HLD310
RFI EMI
Page
7
7
7
13
13
7
13
27
6
6
6
6
10
10
6
10
10
10
11
11
11
6
6
6
6
6
Series
S200
S206
S321
SF200
SF321
SF464
SL424
SL464
SL467
SLF461
SLF464
SLF467
WF150
WF200
WF3126
WF3127
WF321
Page
12
12
20
12
20
21,22
22
22
22
21,22
21,22
21,22
8
9
18,19
18,19
18,19
Table of Contents
Series Number – Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com