Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 25 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 25 Page - LEDTRONICS, INC

Back Button GF200-0UR-006B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 21Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 22Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 23Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 24Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 25Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 26Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 27Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 28Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
10
50
10
65
10
39
10
106
10
29
10
275
10
74
.244
.285
1.12 MAX
Polarity Mark
T2 ANSI #5 Telephone Slide Based LEDs
All dimensions in inches. For millimeters multiply by 25.4
5SBF200-0UR-006B
5SBF200-0UR-014B
5SBF200-0UR-024B
5SBF200-0UR-028B
5/6V
24V
28V
20
20
15
15
Replace 5SBF200 With
5SB200
Narrow Beam (15º)
Intensity 1.6K mcd/52
Ft.Cd @20 mA
Contact Polarity
12/14V
120º
115
115
85
85
Replace 5SBF200 With
5SB200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Contact Polarity
5SBF200-0UO-006B
5SBF200-0UO-014B
5SBF200-0UO-024B
5SBF200-0UO-028B
5/6V
24V
28V
12/14V
120º
130
130
98
98
20
20
15
15
B = BiPolar AC/DC
5SBF200-0UY-006B
5SBF200-0UY-014B
5SBF200-0UY-024B
5SBF200-0UY-028B
5/6V
24V
28V
20
20
15
15
116
116
75
75
Replace 5SBF200 With
5SB200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Contact Polarity
12/14V
120º
B = BiPolar AC/DC
5SBF200-0CW-006B
5SBF200-0CW-014B
5SBF200-0CW-024B
5SBF200-0CW-028B
5V
24V
28V
15
15
15
15
160
160
160
160
Replace 5SBF200 With
5SB200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Contact Polarity
12/14V
120º
B = BiPolar AC/DC
5SBF200-0UG-006B
5SBF200-0UG-014B
5SBF200-0UG-024B
5SBF200-0UG-028B
5/6V
24V
28V
20
20
15
15
58
58
44
44
Replace 5SBF200 With
5SB200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Contact Polarity
12/14V
120º
B = BiPolar AC/DC
5SBF200-0AG-006B
5SBF200-0AG-014B
5SBF200-0AG-024B
5SBF200-0AG-028B
5/6V
24V
28V
15
15
15
15
400
400
400
400
Replace 5SBF200 With
5SB200
Narrow (15º) Beam
Intensity 7K mcd/250 Ft.Cd
Contact Polarity
12/14V
120º
B = BiPolar AC/DC
5SBF200-0PB-006B
5SBF200-0PB-014B
5SBF200-0PB-024B
5SBF200-0PB-028B
5/6V
24V
28V
15
15
15
15
Replace 5SBF200 With
5SB200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Contact Polarity
12/14V
125
125
125
125
120º
5SBF200
5SBF200
5SBF200
5SBF200
5SBF200
5SBF200
5SBF200
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
Angle
of
Illumi-
nation
B = BiPolar AC/DC
5SBF200-0UR-120A 120VAC
5SBF200-0UO-120A 120VAC
5SBF200-0UY-120A
120VAC
5SBF200-0CW-120A 120VAC
5SBF200-0UG-120A 120VAC
5SBF200-0AG-120A 120VAC
5SBF200-0PB-120A
120VAC
Options
.285
.244
1.04
.285
.244
1.19 MAX
Series: 5SB200 (15º Illumination)
PN Example: 5SB200-0UG-024B
Series: 5SB206 (160º Illumination)
PN Example: 5SB206-0UO-028B
.244
.285
1.12 MAX
Polarity Mark
.244
.285
1.12 MAX
Polarity Mark
.244
.285
1.12 MAX
Polarity Mark
.244
.285
1.12 MAX
Polarity Mark
.244
.285
1.12 MAX
Polarity Mark
.244
.285
1.12 MAX
Polarity Mark
A = AC only
A = AC only
A = AC only
A = AC only
A = AC only
A = AC only
B = BiPolar AC/DC
A = AC only
5SBF200-0UR-048B
48V
5SBF200-0UO-048B
48V
5SBF200-0UY-048B
48V
5SBF200-0CW-048B
48V
5SBF200-0UG-048B
48V
5SBF200-0AG-048B
48V
5SBF200-0PB-048B
48V
12
65
78
12
12
54
12
128
12
35
12
320
12
84
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
6 PSB
12 PSB
24 PSB
28 PSB
120 PSB
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com