Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-006B Datasheet(PDF) 5 Page - LEDTRONICS, INC

Part # GF200-0UR-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-006B Datasheet(HTML) 5 Page - LEDTRONICS, INC

  GF200-0UR-006B Datasheet HTML 1Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 2Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 3Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 4Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 5Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 6Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 7Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UR-006B Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Based LED Questionnaire
About your company
About your application
What does your company manufacture
Is your company
Total annual quantity
Target price
Time frame
Operating voltage (max)
Lens color
Lens type
Ambient lighting conditions
Maximum viewing distance desired
Maximum viewing angle desired
Distance between top of lamp and lens/filter
Is an external resistor in series with the lamp
What is the source voltage if higher than the operating voltage of the lamp
Additional Notes/Sketches
S O URCE V O LT A G E
LE D
LA M P
EXT R ES
Incandescent/LED No.
mAmps
Design Volts
MSCD
5V
12V
24V
28V
120VAC
Other
Voltage (type)
AC
DC
Bipolar
Red
Orange
Amber
Yellow
White
Green
Blue
Center
contact
+
Govt/Military
Govt Contractor
OEM
Distributor
Utility
MRO
Other
R&D
Clear
Diffused
Other
Base size
T1
T2
S6
T13 4
1
T3 4
Other
15mm
Base type
Lens size
Indirect sunlight
Direct sun
Office
Lowlight
Darkroom
1 ft
5 ft
10 ft
20 ft
50 ft
Other
Straight on
30¡
60¡
90¡
Other
Other
1/8"
1/4"
1/2"
Yes
No
If yes, Ohms
Polarity of center contact
Requirement is for
Replacement
New Application
Other
Flange
Wedge
Groove
Bi-pin
Bayonet
Screw
Watts
Would like updated literature
Yes
No More info on:
Based
PCB
Panel
Discrete
Other
Immediate
3 months
6 months
GAP
Date
Indoor
Outdoor
Applicable statutory and regulatory requirements
Yes
No
Doc. No.
?
ø
SIC code:
Originator:
Current Customer
Rep:
For internal use only
Yes
No
About you
Name:
Phone: (
)
Address:
M/S:
City:
State:
Zip:
Company:
Fax:
(
)
E-Mail:
16mm
22mm
30mm
Other
Lens shape
Circular
Square
Rectangular
Other
Jelly-jar
The following information assists
LEDtronics in determining the
most appropriate FREE LED
product SAMPLE. Fax to
(310) 534-1424 for fast response.
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com