Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE83R540 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
4
V1.31E
E.LCD RAM Map
Page
0
SEG
[7:0]
SEG
[15:8]
SEG
[23:16]
SEG
[31:24]
SEG
[39:32]
SEG
[47:40]
SEG
[55:48]
SEG
[63:56]
COM0 80H 90H A0H
B0H
C0H
D0H
E0H
F0H
COM1 81H 91H A1H
B1H
C1H
D1H
E1H
F1H
COM2 82H 92H A2H
B2H
C2H
D2H
E2H
F2H
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
COM13 8DH 9DH ADH BDH CDH DDH EDH
FDH
COM14 8EH 9EH AEH
BEH
CEH
DEH
EEH
FEH
COM15 8FH 9FH AFH
BFH
CFH
DFH
EFH
FFH
F. Pin Diagram
Die Size: 4520 µm * 3910 µm。
Substrate connect with GND。
Product Name
P
R
T
C
[
4
]
P
R
T
C
[
5
]
P
R
T
C
[
6
]
P
R
T
C
[
7
]
P
R
T
D
[
0
]
P
R
T
D
[
1
]
P
R
T
D
[
2
]
P
R
T
D
[
3
]
P
R
T
D
[
4
]
P
R
T
D
[
5
]
P
R
T
D
[
6
]
P
R
T
D
[
7
]
V
D
D
S
X
I
S
X
O
T
S
T
P
_
P
F
X
I
F
X
O
R
S
T
P
_
N
O
P
O
O
P
I
P
O
P
I
N
D
A
O
V
O
G
N
D
L
C
D
V
X
L
V
1
L
V
2
L
C
D
G
S
L
C
1
A
L
C
1
B
L
C
2
A
L
C
2
B
S
E
G
[4
6]
S
E
G
[4
5]
S
E
G
[4
4]
S
E
G
[4
3]
S
E
G
[4
2]
S
E
G
[4
1]
S
E
G
[4
0]
S
E
G
[3
9]
S
E
G
[3
8]
S
E
G
[3
7]
S
E
G
[3
6]
S
E
G
[3
5]
S
E
G
[3
4]
S
E
G
[3
3]
S
E
G
[3
2]
S
E
G
[3
1]
S
E
G
[3
0]
S
E
G
[2
9]
S
E
G
[2
8]
S
E
G
[2
7]
S
E
G
[2
6]
S
E
G
[2
5]
S
E
G
[2
4]
S
E
G
[2
3]
S
E
G
[2
2]
S
E
G
[2
1]
S
E
G
[2
0]
S
E
G
[1
9]
S
E
G
[1
8]
S
E
G
[1
7]
S
E
G
[1
6]
S
E
G
[1
5]
PRTC[3]
PRTC[2]
PRTC[1]
PRTC[0]
PWM
GND_PWM
COM[8]
COM[9]
COM[10]
COM[11]
COM[12]
COM[13]
COM[14]
COM[15]
PRT14[7]/SEG[63]
PRT14[6]/SEG[62]
PRT14[5]/SEG[61]
PRT14[4]/SEG[60]
PRT14[3]/SEG[59]
PRT14[2]/SEG[58]
PRT14[1]/SEG[57]
PRT14[0]/SEG[56]
SEG[55]
SEG[54]
SEG[53]
SEG[52]
SEG[51]
SEG[50]
SEG[49]
SEG[48]
SEG[47]
LC3A
LC3B
LC4A
LC4B
LCDVTB
LV3
LV4
LV5
COM[0]
COM[1]
COM[2]
COM[3]
COM[4]
COM[5]
COM[6]
COM[7]
SEG[0]
SEG[1]
SEG[2]
SEG[3]
SEG[4]
SEG[5]
SEG[6]
SEG[7]
SEG[8]
SEG[9]
SEG[10]
SEG[11]
SEG[12]
SEG[13]
SEG[14]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com