Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83R540 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
2
V1.31E
C. Internal Block
Please always take in mind that ICE is different from IC. ICE is the whole set of HE80000 series IC, but
each IC is a subset of ICE. Never use any hardware resource that real IC didn't have, especially RAM and
register. KBIDS and compiler cannot prevent user to use some hardware resource that didn't exist. Please
check the following table and refer the abbreviation in HE80000 user's manual.
I.F.C. E.S.C. I.P.R PROM
DROM
TP
TP+1 RAM PP
DP
I/O
DTMF WDT
Timer
◎
◎
◎
64KB
448KB
19-bit
◎
4KB 4-bit 8-bit 16~24
—
◎
T1,T2,TB
VO DAO OP PWM
LCD
COM*SEG Bias Rgr ChrgPmp LV2 LR LVG REC
S.R.
◎
◎
◎
◎
1024~896
16*64
1/5
◎
—
—
—
—
—
—
D. Pin Description
Pin#
Pin name I/O
Function
Description
111,
110
FXI,
FXO
B,
O
External fast clock pin.
Connecting to crystal or RC
to generate 32.768 kHz ~
8MHz frequency.
114,
113
SXI,
SXO
I,
O
External slow clock pin.
Connecting with 32768 Hz
crystal or resistor as slow
clock and providing clock
source for LCD display,
TIMER1, Time-Base and
other internal blocks.
Mask option setting:
MO_FCK/SCKN = 00:Slow Clock only
01:Illegal
10:Dual Clock
11:Fast Clock only
MO_FOSCE = 0:Internal fast osc.
= 1:External fast osc.
MO_FXTAL = 0:RC osc. for fast clock
= 1:X’tal osc. for fast clock
MO_SXTAL = 0:RC for 32768 Hz clock
= 1:X’tal for 32768 Hz clock
Use OP1 and OP2 to switch among different operation
mode (NORMAL, SLOW, IDEL and SLEEP). In Dual
Clock mode, the main system clock is still the Fast
Clock. The 32768 Hz clock is for LCD and Timer 1 only.
109
RSTP_N
I System Reset.
Level trigger, active low. Except for using this pin, using
mask option (MO_PORE=1) could enable IC build-in
Power-on reset circuit.
Besides, MO_WDTE can set Watch Dog Timer:
MO_WDTE=0:Disable Watch Dog Timer
=1:Enable Watch Dog Timer
112
TSTP_P
I Test Pin
Please bond this pin and add a test point on PCB
for debugging. But for improving ESD, please
connect this pin with zero Ohm resistor to GND.
124..127,
1..4
PRTC[7:0] B 8-pin bi-directional I/O port.
Mask options:
MO_CPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them as
input (No tri-state structure).
116..
123
PRTD[7:0] B
8-pin bi-directional I/O port.
PRTD[7..2] as wake-up pin.
PRTD[7..6]
as
external
interrupt pin.
Mask options:
MO_DPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them as



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com