Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83R540 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
3
V1.31E
Pin#
Pin name I/O
Function
Description
input (No tri-state structure).
15..22
PRT14[7:0]/
SEG[63:56]
B/
O
8-pin bi-directional I/O port
that is shared with LCD
segment pin.
Mask options:
MO_LIO14[7..0]=1 ~ LCD Pin.
=0 ~ I/O Pin.
MO_14PP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever use them as
input (No tri-state structure).
14..7
79..86
COM[15:0] O LCD COMmon Output
23..
78
SEG[55:0]
O LCD SEGment Output
LCD Data filled from F0H, please refer the LCD RAM
map.
101
L V1
B LCD Bias Voltage 1
100
L V2
B LCD Bias Voltage 2
89
L V3
B LCD Bias Voltage 3
88
L V4
B LCD Bias Voltage 4
87
L V5
B LCD Bias Voltage 5
LV5> LV4> LV3> LV2> LV1。
Adjust Resistor between LCDGS and LV2 to set LV5 for
LCD glass. The formula is LV5 = 2.5*LV2。(Bias=1/5)
Suggest that LV2=2.0V, so LV5=5.0V.
99
LCDGS
B LCD Gain Setting Pin
~300K between LCDGS and LV2
LV2 2.0 Volt
≒
90
LCDVTB
B Charge Pump Capacitor Pin Larger voltage stair than LCxA, LCxB stair
102
LCDVX
B Charge Pump Capacitor Pin Smaller voltage stair than LCxA, LCxB stair
91
LC4B
B Charge Pump Capacitor Pin
92
LC4A
B Charge Pump Capacitor Pin
93
LC3B
B Charge Pump Capacitor Pin
94
LC3A
B Charge Pump Capacitor Pin
95
LC2B
B Charge Pump Capacitor Pin
96
LC2A
B Charge Pump Capacitor Pin
97
LC1B
B Charge Pump Capacitor Pin
98
LC1A
B Charge Pump Capacitor Pin
Different LCD Bias must be matching its Capacitor
Configuration relatively. This IC is with all pins for
type-IV LCD Driver. Some of charge pump pins was not
using since the bias of this IC was fixed at 1/5.
5
PWM
O
The PWM output can drive
speaker or buzzer directly.
Set the bit2 of VOC register as one to turn on PWM.
104
VO
O D/A output.
Bit 1 of VOC = ‘1’ , Turn on DA
105
DAO
O DAC Voice Output
Set the bit1(DA=1) of VOC register to turn on DAC with
VO output.
106
OPIN
I OPAMP negative input pin.
107
OPIP
I OPAMP positive input pin.
108
OPO
O OPAMP output pin.
Built-in OP comparator.
Set Bit 0 of VOC = ‘1’ , Turn on OP
115
VDD
P Positive Power Input
103
GND
P Power Ground Input
6
GND_PWM P Dedicated PWM Ground
Adding 0.1 µF capacitor as by-pass capacitor on power
pins is necessary.(within 1 cm distance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com