Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HE83R540 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
1
V1.31E
A.HE83R540 Introduction
HE83R540 is a member of 8-bit Micro-controller series developed by King Billion Electronics Ltd
.
Users can chose any one of combination among 【1024 dots LCD Driver + 16 Bit I/O Port】…【896 dots
LCD Driver + 24 Bit I/O Port】etc. The built-in OP comparator can be used with (light、voice、
temperature、humility) sensor and used as battery low detection. The 7-bit current-type D/A converter and
PWM device provide the complete speech output mechanism. The 512K ROM Size can be used in the
storage of speech、graphic、text etc.. . It can be applicable to the medium systems such as Small-Scale
Dictionary, Data Bank, Educational Toy, Digital Voice Recording System etc. It also can be connected to
SRAM or Flash RAM for recording function.
The instruction set of HE83R540 are quite easy to learn and simple to use. Only about thirty instructions
with four-type addressing mode are provided. Most of instructions take only 3 oscillator clocks (machine
cycles). The processing power is enough to most of battery operation system.
B.HE83R540 Features
Operation Voltage:
2.4V – 5.5V
System Clock:
DC ~ 8MHz @ 5.0V
DC ~ 4MHz @ 2.4V
Internal ROM:
512K Bytes
Internal RAM:
4K Bytes
Dual Clock System :
Normal (Fast) clock: 32.768K ~ 8MHz
Slow clock:
32.768KHz
Operation Mode:
DUAL、FAST、SLOW、IDLE、SLEEP Mode.
With WDT (WATCH DOG TIMER) to prevent deadlock condition.
16~24 bit Bi-directional I/O port. Mask Option can select PUSH-PULL or OPEN DRAIN
output mode for each I/O pin. 8 of them are shared with LCD segment pins.
One built-in OP comparator.
1024~896 dots LCD driver (B TYPE selectable). (No LCD contrast control function)
Build in LCD Voltage Regulator.
One 7-bit current-type DAC output.
PWM device.
Two external interrupts and three internal timer interrupts.
Two 16-bit timers and one Time-Base timer.
Instruction set: 32 instructions, 4 addressing mode. 12-bit DATA POINTER for RAM and
18-bit TABLE POINTER for ROM.


Similar Part No. - HE83R540

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R123 KB-HE83R123 Datasheet
323Kb / 18P
oscillator clocks. This chip is suitable for the applications that require higher performance
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
HE83R126 KB-HE83R126 Datasheet
277Kb / 10P
8-BIT MICRO-CONTROLLER
HE83R141 KB-HE83R141 Datasheet
300Kb / 11P
8-BIT MICRO-CONTROLLER
HE83R142 KB-HE83R142 Datasheet
297Kb / 11P
8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83R540

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com