Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
9
V1.31E
I. Application Circuit
VDD
VDD
VDD
VDD
VDD
VDD
SEG12
SEG4
PRT14_0 / SEG56
SEG3
FXI
COM4
COM9
SEG9
PRT14_7 / SEG63
SEG8
SEG5
LV5
PRT14_5 / SEG61
PRTC_0
LV4
SEG47
LC4A
COM10
SEG49
COM14
COM12
PWM
SEG53
PRT14_6 / SEG62
SEG13
COM13
COM7
PRT14_2 / SEG58
PRT14_1 / SEG57
SEG11
SEG10
SEG52
SEG0
COM8
PRTC_3
PRTC_2
SEG55
FXO
LC3B
COM3
COM15
PRT14_3 / SEG59
SEG48
COM2
COM6
COM5
LC4B
SEG50
SEG51
SEG54
PRTC_1
PWM
COM0
SEG1
LV3
SEG6
SEG2
FXI
COM1
LC3A
SEG7
SEG14
COM11
PRT14_4 / SEG60
RSTP_N
SXO
SXI
SXO
SXI
VO
C4
10P
U1
HE83R540
1
2
3
4
7
8
9
10
11
12
13
14
5
6
31
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
PRTC_3
PRTC_2
PRTC_1
PRTC_0
COM8
COM9
COM10
COM11
COM12
COM13
COM14
COM15
PWM
GND_PWM
SEG47
PRT14_7 / SEG[63]
PRT14_6 / SEG[62]
PRT14_5 / SEG[61]
PRT14_4 / SEG[60]
PRT14_3 / SEG[59]
PRT14_2 / SEG[58]
PRT14_1 / SEG[57]
PRT14_0 / SEG[56]
SEG55
SEG54
SEG53
SEG52
SEG51
SEG50
SEG49
SEG48
LC3A
LC3B
LC4A
LC4B
LCDVTB
LV3
LV4
LV5
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
C15
0.1uF
RESET
SW1
C16
0.1uF
32 ohm Speaker
SP1
R2
10k
C8
0.1uF
C6
0.1uF
480K~8M
XTAL1
10U
C14
R1
10k
R6
0
0.1u
C18
8 ohm Speaker
SP2
680~1.2M
R5
C2
10P
10K~70K
XTAL2
R3
30K~300K
C5
10P
8050C
Q1
C1
10P
RC Oscillator
External Reset
External Fast Clock
X'TAL Oscillator
Regulate And By-Pass Capacitor
Ref. AN016
X'TAL Oscillator
Ref. AN016
RC Oscillator
External Slow Clock
Ref. AN022
for Speech
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com