Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83R540 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE83R540
Description  8-BIT MICRO-CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R540 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R540 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R540 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R540
HE80000 SERIES
10
V1.31E
LV4
LV1
LV2
LV5
LV3
LCDGS
LC3A
LC3B
LCDVX
LC4A
LC4B
LV2
LC2A
R4 ~300K
C9 .1U
C3 .1U
C10 .1U
C7
.1U
C11
.1U
C13 1U
C17 1U
C12 1U
16 * 56 ~ 16 * 64
LCD PANEL
4G LCD Charge Pump Circuit,1/5 Bias,1/16 Duty Configulation
LV5 Voltage Must < 9.0 V , Else IC will be burned down
LCD Display Range
Regulated Voltage Capacitor
Charge Pump Capacitor
Adjust LV2 Voltage Resister
Let LC1A,LC1B,LC2B,LCDVTB pin folating
NOTE : Use Resister adjust LV2 voltage must let VDD >= LV2 + 0.4V , Else LCD
charge pump will work un-well . And the LV5 voltage = LV2 *5 /2
For more detail information, please refer the new version of AN025 for this Type-IV LCD Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com