Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9218BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT9218B
4
DS9218B-09 March 2007
www.richtek.com
Timing Diagram
Specific Power Sequence for LDO
90%
80%
1-10ms
<1ms
FSB_VTT (1.2V @ 5Amp)
VTT_GD
Function Block Diagram
Gate Control
Logic
Oscillator
(300k/600kHz)
EO
UV_L
GM
0.6V
DRV
GND
UGATE
OPS
LGATE
FBL
PGOOD
BOOT
FB
PHASE
VCC
+
-
+
-
Soft-Start
&
Fault Logic
UV_S
+
-
0.6V
+
-
+
-
VCC
0.8V
REF
Power On
Reset
Reference
Bias & Regulators
(3V_Logic & 3VDD_Analog)
1.5V
0.15V
+
-
PH_M
+
-
EN
+
+
-
+
OC
3V
0.4V
40uA
+
-
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com