Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9218BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT9218B
1
DS9218B-09 March 2007
www.richtek.com
Features
Operating with 12V Supply Voltage
Drives All Low Cost N-MOSFETs
Voltage Mode PWM Control
300kHz Fixed Frequency Oscillator
Fast Transient Response :
High-Speed GM Amplifier
Full 0 to 100% Duty Ration
Internal Soft-Start
Power Good Indicator
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on MOSFET, No Current
Sense Resistor Required
Specific power good indicator for Intel® Grantsdale
FSB_VTT power sequence
RoHS Compliant and 100% Lead (Pb)-Free
12V Synchronous Buck PWM DC-DC and Linear Power
Controller
General Description
The RT9218B is a dual output with one synchronous buck
PWM and one linear controller. The part is proposed to
generate logic-supply voltages for PC based systems. The
high-performance device includes internal soft-start,
frequency-compensation networks, power good signaling
with specific sequence, and it comes all of the logic control,
output adjustment, power monitoring and protection
functions into a small footprint package. The part is
operated at fixed 300kHz frequeny providing an optimum
compromise between efficiency, external component size,
and cost. The linear controller is implemented to drive an
external MOSFET for regulation and it's adjustable by
setting external resistors. Moreover the specific internal
PGOOD sequence and indicator is also implemented to
conform to Intel® new platform requirement on FSB_VTT
power plane. An adjustable over-current protection (OCP)
is proposed to monitor the voltage drop across the
RDS(ON) of the lower MOSFET for synchronous buck
PWM DC-DC controller.
Ordering Information
Applications
Graphic Card
Motherboard, Desktop Servers
IA Equipments
Telecomm Equipments
High Power DC-DC Regulators
Pin Configurations
(TOP VIEW)
SOP-14
NC
DRV
GND
UGATE
NC
OPS
LGATE
NC
FBL
PGOOD
BOOT
FB
PHASE
VCC
2
3
4
11
12
13
14
5
6
7
8
9
10
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Package Type
S : SOP-14
RT9218B
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9218BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218GS RICHTEK-RT9218GS Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218PS RICHTEK-RT9218PS Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9218BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com