Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9218BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 11Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT9218B
8
DS9218B-09 March 2007
www.richtek.com
Dead Time (Falling)
Time (10ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 5V
IOUT= 25A
Power On
Time (500us/Div)
IOUT
UGATE
(10V/Div)
(500mV/Div)
(2A/Div)
SVOUT
Power Off
Time (5ms/Div)
UGATE
SVOUT
VCC
VIN
Transient Response (Falling)
Time (25us/Div)
L = 2.2uH
C = 2000uF
VCC = VIN = 12V
IOUT= 15A to 0A
f = 1/20ms
SR = 2.5A/us
SVOUT
(100mV/Div)
IL
(10A/Div)
UGATE
(10V/Div)
Transient Response (Rising)
Time (5us/Div)
SVOUT
(100mV/Div)
IL
(10A/Div)
UGATE
(10V/Div)
L = 2.2uH
C = 2000uF
VCC = VIN = 12V
IOUT= 0A to 15A
f = 1/20ms, SR = 2.5A/us
Dead Time (Rising)
Time (25ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 5V
IOUT= 25A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com