Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 11Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 12Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 13Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 14Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 15Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 16Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT9218B
13
DS9218B-09 March 2007
www.richtek.com
There are two sets of critical components in a DC-DC
converter using the RT9218B. The switching power
components are most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the PWM controller should
be placed firstly. Place the input capacitors, especially the
high-frequency ceramic decoupling capacitors, close to the
power switches. Place the output inductor and output
capacitors between the MOSFETs and the load. Also locate
the PWM controller near by MOSFETs.
A multi-layer printed circuit board is recommended.
PWM Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency and radiate noise, that results
in over-voltage stress on devices. Careful component
placement layout and printed circuit design can minimize
the voltage spikes induced in the converter. Consider, as
an example, the turn-off transition of the upper MOSFET
prior to turn-off, the upper MOSFET was carrying the full
load current. During turn-off, current stops flowing in the
upper MOSFET and is picked up by the low side MOSFET
or schottky diode. Any inductance in the switched current
path generates a large voltage spike during the switching
interval. Careful component selections, layout of the critical
components, and use shorter and wider PCB traces help
in minimizing the magnitude of voltage spikes.
Figure 7. UV and OC trigger hiccup mode
0A
0V
2V
4V
T1
T2
T3
TIME
COUNT = 1
COUNT = 2
OVERLOAD
APPLIED
T0
T4
COUNT = 3
COUNT = 4
Figure 8, UV_FB trigger VIN power sensing
Power Off
Time (10ms/Div)
FB
UGATE
(20V/Div)
VOUT
VIN
(500mV/Div)
(2V/Div)
(2V/Div)
VIN Power
Sensing
UV
IOUT = 2A
LDO Power Sequence
In VGA field, the MOSFET of LVOUT is sourced by external
voltage not by SVOUT.
This connection may trigger UV protection to shutdown
RT9218B, but using the typical application circuit won't
have this issue. See figure 9 using OPS pin to control the
power sequence.
VIN_SW (5V/12V)
VIN_LDO (3.3V)
OPS_Disable
Enable
Shutdown
Figure 9. LDO power sequence
Under Voltage Protection
The voltage at FB and FBL pin is monitored and protected
against UV (under voltage). The UV threshold is the FB or
FBL under 75%. UV detection has 30
μs triggered delay.
When OC or UV_FBL is trigged, a hiccup restart sequence
will be initialized, as shown in Figure 7 Only 4 times of
trigger are allowed to latch off. Hiccup is disabled during
soft-start interval, but UV_FB has some difference from
OC and UV_FBL, it will always trigger VIN power sensing
after 4 times hiccup, as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com