Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9218BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RT9218B
6
DS9218B-09 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Error Amplifier (GM)
E/A Transconductance
gm
--
0.2
--
ms
Open Loop DC Gain
AO
--
90
--
dB
Linear Regulator
DRV Driver Source
IDS
VDRV = 6V
--
1.4
--
mA
Reference Voltage
VREFREG VCC = 12V
0.792
0.8
0.808
V
PWM Controller Gate Drivers (VCC = 12V)
Upper Gate Source
IUGATE
VBOOT − VPHASE = 12V
VUGATE − VPHASE = 6V
0.6
1
--
A
Upper Gate Sink
RUGATE
VBOOT − VPHASE = 12V
VUGATE − VPHASE = 1V
--
4
--
Ω
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
0.6
1
--
A
Lower Gate Sink
RLGATE
VCC = 12V, VLGATE = 1V
--
3
4
Ω
Dead Time
TDT
--
--
100
ns
Protection
FB Under-Voltage Trip
ΔFBUVT
FB Falling
70
75
80
%
FBL Under-Voltage Trip
ΔFBLUVT FB and FBL Falling
70
75
80
%
OC Current Source
IOC
VPHASE = 0V
--
40
--
μA
Soft-Start Interval
TSS
--
3.5
--
ms
Power Good
Power Good Rising Threshold
VCC = 12V
--
90
--
%
Power Good Hysteresis
VCC = 12V
--
10
--
%
PG Sink Capability
VCC = 12V, 1mA
--
0.2
0.4
V
Power Good Rising Delay
VCC = 12V
1
3
10
ms
Power Good Falling Delay
VCC = 12V
--
15
--
us
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are
for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com