Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218BGS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9218BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 11Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 12Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 13Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 14Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT9218B
11
DS9218B-09 March 2007
www.richtek.com
OPS (Over Current Setting, VIN_POR and Shutdown)
1.OCP
Sense the low-side MOSFET's RDS(ON) to set over-current trip point.
Connecting a resistor (ROCSET) from this pin to the source of the upper MOSFET and the drain of the lower MOSFET sets
the over-current trip point. ROCSET, an internal 40
μAcurrent source, and the lower MOSFET on resistance, RDS(ON), set the
converter over-current trip point (IOCSET) according to the following equation :
OPS pin function is similar to RC charging or discharging circuit, so the over-current trip point is very sensitive to parasitic
capacitance (ex. shut-down MOSFET) and the duty ratio.
Below Figures say those effect. And test conditions are Rocset = 15k
Ω (over -current trip point = 20.6A), Low-side
MOSFET is IR3707.
OCP
Time (5
μs/Div)
UGATE
(10V/Div)
IL (10A/Div)
OPS (200mV/Div)
VIN = 5V, VCC = 12V
VOUT = 1.5V
OCP
Time (2.5
μs/Div)
UGATE
(10V/Div)
IL (10A/Div)
VIN = 12V, VCC = 12V
VOUT = 1.5V
OPS
(200mV/Div)
OCP
Time (2.5
μs/Div)
UGATE (10V/Div)
IL (10A/Div)
VIN = 12V, VCC = 12V
VOUT = 1.5V
OCP
Time (5
μs/Div)
UGATE (10V/Div)
IL (10A/Div)
VIN = 5V, VCC = 12V
VOUT = 1.5V
MOSFET
lower
the
of
0.4V
R
40uA
I
DS(ON)
OCSET
OCSET
R
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com